Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC681AYL Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC681AYL
Description  POWER TRANSISTOR(6A,50W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC681AYL Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC681AYL Datasheet HTML 1Page - Mospec Semiconductor 2SC681AYL Datasheet HTML 2Page - Mospec Semiconductor 2SC681AYL Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SC681AYL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC681 ISC-2SC681 Datasheet
212Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC681 NJSEMI-2SC681 Datasheet
125Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC681AYL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD871 MOSPEC-2SD871 Datasheet
118Kb / 3P
POWER TRANSISTORS(6A,1500V,50W)
logo
NTE Electronics
NTE325 NTE-NTE325 Datasheet
22Kb / 2P
Silicon NPN RF Power Transistor 50W @ 30MHz
logo
Rohm
2SB1340 ROHM-2SB1340 Datasheet
38Kb / 1P
Power Transistor (120V, -6A)
logo
Shindengen Electric Mfg...
2SC4236 SHINDENGEN-2SC4236 Datasheet
519Kb / 12P
Switching Power Transistor(6A NPN)
2SC4584 SHINDENGEN-2SC4584 Datasheet
441Kb / 10P
Switching Power Transistor(6A NPN)
2SC4941 SHINDENGEN-2SC4941 Datasheet
411Kb / 9P
Switching Power Transistor(6A NPN)
2SC5382 SHINDENGEN-2SC5382 Datasheet
475Kb / 10P
Switching Power Transistor(6A NPN)
logo
M/A-COM Technology Solu...
NPTB00050 MA-COM-NPTB00050 Datasheet
510Kb / 8P
Gallium Nitride 28V, 50W RF Power Transistor
NPTB00050 MA-COM-NPTB00050_15 Datasheet
510Kb / 8P
50W RF Power Transistor
logo
Delta Electronics, Inc.
DPS-50AP-2-A DELTA-DPS-50AP-2-A Datasheet
1Mb / 3P
Total power 50W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com