Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND05 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VND05
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND05 Datasheet(HTML) 4 Page - STMicroelectronics

  VND05 Datasheet HTML 1Page - STMicroelectronics VND05 Datasheet HTML 2Page - STMicroelectronics VND05 Datasheet HTML 3Page - STMicroelectronics VND05 Datasheet HTML 4Page - STMicroelectronics VND05 Datasheet HTML 5Page - STMicroelectronics VND05 Datasheet HTML 6Page - STMicroelectronics VND05 Datasheet HTML 7Page - STMicroelectronics VND05 Datasheet HTML 8Page - STMicroelectronics VND05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
PROTECTION AND DIAGNOSTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSTAT
Status Voltage Output
Low
ISTAT = 1.6 mA
0.4
V
VUSD
Under Voltage Shut
Down
3.5
4.5
6
V
VSCL
Status Clamp Voltage
ISTAT = 10 mA
ISTAT = -10 mA
56
-0.7
7
V
V
TTSD
Thermal Shut-down
Temperature
140
160
180
oC
TSD(hyst.)
Thermal Shut-down
Hysteresis
50
oC
TR
Reset Temperature
125
oC
VOL
Open Voltage Level
Off-State (note 2)
2.5
4
5V
IOL
Open Load Current
Level
On-State
5
180
mA
tpovl
Status Delay
(note 3)
5
10
µs
tpol
Status Delay
(note 3)
50
500
2500
µs
(*) In= Nominal current according to ISO definition for high side automotive switch (see note 1)
NOTE = (^) See switching time waveform
NOTE = (
•) The VIH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor
calculated to not exceed 10 mA at the input pin.
NOTE = note 1: The Nominal Current is the current at Tc = 85
oC for battery voltage of 13V which produces a voltage drop of 0.5 V
NOTE = note 2: IOL(off) = (VCC -VOL)/ROL
note 3:tpovl tpol: ISO definition.
Note 2 Relevant Figure
Note 3 Relevant Figure
VND05BSP
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com