Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND05
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND05 Datasheet(HTML) 1 Page - STMicroelectronics

  VND05 Datasheet HTML 1Page - STMicroelectronics VND05 Datasheet HTML 2Page - STMicroelectronics VND05 Datasheet HTML 3Page - STMicroelectronics VND05 Datasheet HTML 4Page - STMicroelectronics VND05 Datasheet HTML 5Page - STMicroelectronics VND05 Datasheet HTML 6Page - STMicroelectronics VND05 Datasheet HTML 7Page - STMicroelectronics VND05 Datasheet HTML 8Page - STMicroelectronics VND05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VND05BSP
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
April 2001
BLOCK DIAGRAM
TYPE
VDSS
RDS(on)IOUT
VCC
VND05BSP
40 V
0.2
Ω
1.6 A
26 V
s
OUTPUT CURRENT (CONTINUOUS):
9A @ Tc = 85
oC PER CHANNEL
s
5V LOGIC LEVEL COMPATIBLE INPUT
s
THERMAL SHUT-DOWN
s
UNDER VOLTAGE PROTECTION
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
INDUCTIVE LOAD FAST
DEMAGNETIZATION
s
VERY LOW STAND-BY POWER
DISSIPATION
DESCRIPTION
The VND05BSP is a monolithic device made
using STMicroelectronics VIPower Technology,
intended for driving resistive or inductive loads
with one side grounded. This device has two
channels, and a common diagnostic. Built-in
thermal shut-down protects the chip from over
temperature and short circuit.
The status output provides an indication of open
load in on
state, open load in off state,
overtemperature conditions and stuck-on to VCC.
1
10
PowerSO-10
®
1/9


Similar Part No. - VND05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND05 STMICROELECTRONICS-VND05 Datasheet
87Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND05B STMICROELECTRONICS-VND05B Datasheet
87Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND05B STMICROELECTRONICS-VND05B Datasheet
264Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND05B-E STMICROELECTRONICS-VND05B-E Datasheet
264Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND05B011Y STMICROELECTRONICS-VND05B011Y Datasheet
87Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
More results

Similar Description - VND05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN03 STMICROELECTRONICS-VN03 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN16B STMICROELECTRONICS-VN16B Datasheet
185Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN21 STMICROELECTRONICS-VN21 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN31 STMICROELECTRONICS-VN31 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN16B STMICROELECTRONICS-VN16B_04 Datasheet
209Kb / 14P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN16BSP STMICROELECTRONICS-VN16BSP_04 Datasheet
201Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN21 STMICROELECTRONICS-VN21_04 Datasheet
221Kb / 13P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND05BSP STMICROELECTRONICS-VND05BSP_05 Datasheet
268Kb / 16P
Iso high side smart power solid state relay
24-Nov-2008
VND10BSPTR-E STMICROELECTRONICS-VND10BSPTR-E Datasheet
201Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN31-E STMICROELECTRONICS-VN31-E Datasheet
228Kb / 13P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com