Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN03 Datasheet (PDF) - STMicroelectronics

VN03 Datasheet PDF - STMicroelectronics
Part # VN03
Download  VN03 Download
File Size   189.51 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ISO HIGH SIDE SMART POWER SOLID STATE RELAY

VN03 Datasheet (PDF)

Go To PDF Page Download Datasheet
VN03 Datasheet PDF - STMicroelectronics

Part # VN03
Download  VN03 Click to download

File Size   189.51 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ISO HIGH SIDE SMART POWER SOLID STATE RELAY

VN03 Datasheet (HTML) - STMicroelectronics


VN03 Product details

DESCRIPTION

The VN03 is a monolithic device made using SGS-THOMSON Vertical Intelligent Power Technology, intended for driving resistive or inductive loads with one side grounded. Built-in thermal shut-down protects the chip from over temperature and short circuit. The open drain diagnostic output indicates: open load in off state and in on state, output shorted to VCC and overtemperature. Fast demagnetization of inductive loads is archieved by negative (-18V) load voltage at turn-off.



■ MAXIMUM CONTINUOUS OUTPUT

CURRENT (#): 4 A @ Tc=85°C

■ 5V LOGIC LEVEL COMPATIBLE INPUT

■ THERMAL SHUT-DOWN

■ UNDER VOLTAGE PROTECTION

■ OPEN DRAIN DIAGNOSTIC OUTPUT

■ INDUCTIVE LOAD FAST DEMAGNETIZATION

■ VERY LOW STAND-BY POWER DISSIPATION




Similar Part No. - VN03

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0300 SUTEX-VN0300 Datasheet
433Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0300 SUTEX-VN0300 Datasheet
65Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS Power FETs?
logo
List of Unclassifed Man...
VN0300 ETC1-VN0300 Datasheet
197Kb / 5P
N-Channel Enhancement-Mode MOS Transistors
logo
Supertex, Inc
VN0300 SUTEX-VN0300 Datasheet
349Kb / 3P
N-Channel Enhancement-Mode Vertical DMOS FET
VN0300 SUTEX-VN0300 Datasheet
571Kb / 3P
N-Channel Enhancement-Mode Vertical DMOS FET
More results


Similar Description - VN03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN16B STMICROELECTRONICS-VN16B Datasheet
185Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN16BSP STMICROELECTRONICS-VN16BSP Datasheet
80Kb / 9P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Mar-1998
VN21 STMICROELECTRONICS-VN21 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN31 STMICROELECTRONICS-VN31 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN16B STMICROELECTRONICS-VN16B_04 Datasheet
209Kb / 14P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN16BSP STMICROELECTRONICS-VN16BSP_04 Datasheet
201Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN21 STMICROELECTRONICS-VN21_04 Datasheet
221Kb / 13P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND05BSP STMICROELECTRONICS-VND05BSP_05 Datasheet
268Kb / 16P
Iso high side smart power solid state relay
24-Nov-2008
VND10BSPTR-E STMICROELECTRONICS-VND10BSPTR-E Datasheet
201Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN31-E STMICROELECTRONICS-VN31-E Datasheet
228Kb / 13P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com