Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN03 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN03
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN03 Datasheet(HTML) 2 Page - STMicroelectronics

  VN03 Datasheet HTML 1Page - STMicroelectronics VN03 Datasheet HTML 2Page - STMicroelectronics VN03 Datasheet HTML 3Page - STMicroelectronics VN03 Datasheet HTML 4Page - STMicroelectronics VN03 Datasheet HTML 5Page - STMicroelectronics VN03 Datasheet HTML 6Page - STMicroelectronics VN03 Datasheet HTML 7Page - STMicroelectronics VN03 Datasheet HTML 8Page - STMicroelectronics VN03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Uni t
V(BR)DSS
Drain-Source Breakdown Voltage
60
V
IOUT
Output Current (cont.) at Tc =85
oC4
A
IR
Reverse Output Current at T c =85
oC-4
A
IIN
I nput Current
±10
mA
-VCC
Reverse Supply Voltage
-4
V
ISTAT
St atus Current
±10
mA
VESD
Electrost atic Discharge (1.5 k
Ω, 100 pF)
2000
V
Ptot
Power Dissipat ion at Tc =85
oC14
W
Tj
Junction Operating Temperature
-40 to 150
oC
Tstg
St orage Temperat ure
-55 to 150
oC
CONNECTION DIAGRAM
CURRENT AND VOLTAGE CONVENTIONS
VN03
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com