Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN03 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN03
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN03 Datasheet(HTML) 5 Page - STMicroelectronics

  VN03 Datasheet HTML 1Page - STMicroelectronics VN03 Datasheet HTML 2Page - STMicroelectronics VN03 Datasheet HTML 3Page - STMicroelectronics VN03 Datasheet HTML 4Page - STMicroelectronics VN03 Datasheet HTML 5Page - STMicroelectronics VN03 Datasheet HTML 6Page - STMicroelectronics VN03 Datasheet HTML 7Page - STMicroelectronics VN03 Datasheet HTML 8Page - STMicroelectronics VN03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FUNCTIONAL DESCRIPTION
The device has a diagnostic output which
indicates open load conditions in off state as well
as in on state, output shorted to VCC and
overtemperature. The truth table shows input,
diagnostic and
output
voltage level in normal
operation and in fault conditions.
The output
signals
are
processed
by internal logic. The
open load diagnostic output has a 5 ms filtering.
The filter gives a continuous signal for the fault
condition after an initial delay of about 5 ms. This
means
that
a disconnection
during
normal
operation, with a duration of less than 5 ms does
not
affect
the
status
output.
Equally,
any
re-connection of less than 5 ms during a
disconnection duration does not affect the status
output. No delay occur for the status to go low in
case of overtemperature conditions. From the
falling edge of the input signal the status output
initially low in fault condition (over temperature or
open load) will go back with a delay (tpovl)in case
of overtemperature condition and a delay (tpol)in
case of open load. These feature fully comply
with
International
Standard
Office
(I.S.O.)
requirement for automotive High Side Driver.
To protect the device
against short circuit and
over current conditions, the thermal protection
turns the integrated Power MOS off
at
a
minimum
junction
temperature
of 140
oC.
When the temperature returns to 125
oC the
switch is automatically turned on again. In short
circuit the protection reacts
with
virtually no
delay, the sensor being located in the region of
the die where the heat is generated. Driving
inductive loads,
an
internal function of the
device ensures the fast demagnetization with a
typical voltage (Vdemag) of -18V.
This function allows to greatly reduce the power
dissipation according to the formula:
Pdem =0.5
• Lload • (Iload)2 • [(VCC+Vdemag)/Vdemag] • f
where f = switching frequency and
Vdemag = demagnetization voltage
Based on this formula it is possible
to know
the value of inductance and/or current to avoid
a thermal shut-down. The maximum inductance
which causes the chip temperature to reach the
shut down temperature in a specific thermal
environment, is infact a function of the load
current for a fixed VCC,Vdemag and f.
PROTECTING
THE DEVICE AGAIST LOAD
DUMP - TEST PULSE 5
The device is able to withstand the test pulse
No. 5 at level II (Vs = 46.5V) according to the
ISO
T/R 7637/1
without
any
external
component. This means that all functions of the
device
are
performed
as
designed
after
exposure to disturbance at level II. The VN03 is
able to withstand the test pulse No.5 at level III
adding an external resistor of 150 ohm between
pin 1 and ground plus a filter capacitor of 1000
µF between pin 3 and ground (if RLOAD ≤ 20 Ω).
PROTECTING
THE
DEVICE
AGAINST
REVERSE
BATTERY
The simplest way to protect the device against a
continuous reverse battery voltage (-26V) is to
insert a Schottky diode between pin 1(GND) and
ground, as shown in the typical application circuit
(fig.3).
The consequences of the voltage drop across
this diode are as follows:
– If the input is pulled to power GND, a negative
voltage of -Vf is seen by the device. (Vil, Vih
thresholds and Vstat are increased by Vf with
respect to power GND).
– The undervoltage shutdown level is increa-
sed by Vf.
If there is no need for the control unit to handle
external analog signals referred to the power
GND, the best approach is to connect the
reference potential of the control unit to node [1]
(see application circuit in fig. 4), which becomes
the common signal GND for the whole control
board avoiding shift of Vih,Vil and Vstat. This
solution allows the use of a standard diode.
Switching Time Waveforms
VN03
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com