Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS3.3 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SMS3.3
Description  3.3 Volt TVS Array For ESD and Latch-Up Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMS3.3 Datasheet(HTML) 1 Page - Semtech Corporation

  SMS3.3 Datasheet HTML 1Page - Semtech Corporation SMS3.3 Datasheet HTML 2Page - Semtech Corporation SMS3.3 Datasheet HTML 3Page - Semtech Corporation SMS3.3 Datasheet HTML 4Page - Semtech Corporation SMS3.3 Datasheet HTML 5Page - Semtech Corporation SMS3.3 Datasheet HTML 6Page - Semtech Corporation SMS3.3 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
United States Patent No.
www.semtech.com
PROTECTION PRODUCTS
SMS3.3
3.3 Volt TVS Array
For ESD and Latch-Up Protection
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20µs)
Protects four I/O lines
Working voltage: 3.3V
Low leakage current (<1µA)
Low clamping voltage
Low capacitance (35pF typical)
Solid-state EPD TVS technology
Description
Features
Equivalent Circuit Diagram
Schematic & PIN Configuration
Revision 08/11/04
Applications
Mechanical Characteristics
The SMS series of TVS arrays are designed to protect
sensitive electronics from damage or latch-up due to
ESD, lightning, and other voltage-induced transient
events. Each device will protect up to four lines operating
at 3.3 volts.
The SMS3.3 is a solid-state device designed specifically
for transient suppression. It is constructed using
Semtech’s proprietary EPD process technology. The EPD
process provides low standoff voltages with significant
reductions in leakage currents and capacitance over
traditional pn junction processes. They offer desirable
characteristics for board level protection including fast
response time, low clamping voltage and no device
degradation.
The SMS3.3 may be used to meet the immunity require-
ments of IEC 61000-4-2, level 4 (±15kV air, ±8kV
contact discharge). The low cost SOT23-6L package
makes them ideal for use in portable electronics such
as cell phones, PDA’s, and notebook computers.
SOT23-6L (Top View)
EIAJ SOT23-6L package
Molding compound flammability rating: UL 94V-0
Marking : Marking Code
Packaging : Tape and Reel per EIA 481
Cell phone Handsets and Accessories
Microprocessor Based Equipment
Personal Digital Assistants (PDA’s) and Pagers
Desktops PC and Servers
Notebook, Laptop, and Palmtop Computers
Portable Instrumentation
Peripherals
MP3 Players
Cordless Phones


Similar Part No. - SMS3.3

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMS3.3 LEIDITECH-SMS3.3 Datasheet
161Kb / 3P
USB 2.0 power and data line
SMS3.3C LEIDITECH-SMS3.3C Datasheet
162Kb / 3P
TVS/ESD DIODE ARRAY AND LATCH-UP PROTECTION
More results

Similar Description - SMS3.3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection?
SMF3.3 SEMTECH-SMF3.3 Datasheet
177Kb / 8P
3.3 Volt TVS Array For ESD and Latch-Up Protection
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Applied Power Microelec...
SLVU2.8 APMICRO-SLVU2.8 Datasheet
535Kb / 4P
2.8V TVS Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
TECH PUBLIC Electronics...
SLVU2.8-4 TECHPUBLIC-SLVU2.8-4 Datasheet
6Mb / 4P
TVS Array For ESD and Latch Up Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com