Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS3.3 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SMS3.3
Description  3.3 Volt TVS Array For ESD and Latch-Up Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMS3.3 Datasheet(HTML) 3 Page - Semtech Corporation

  SMS3.3 Datasheet HTML 1Page - Semtech Corporation SMS3.3 Datasheet HTML 2Page - Semtech Corporation SMS3.3 Datasheet HTML 3Page - Semtech Corporation SMS3.3 Datasheet HTML 4Page - Semtech Corporation SMS3.3 Datasheet HTML 5Page - Semtech Corporation SMS3.3 Datasheet HTML 6Page - Semtech Corporation SMS3.3 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SMS3.3
Non-Repetitive Peak Pulse Power vs. Pulse Time
Non-Repetitive Peak Pulse Power vs. Pulse Time
Non-Repetitive Peak Pulse Power vs. Pulse Time
Non-Repetitive Peak Pulse Power vs. Pulse Time
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating
Power Derating
Power Derating
Power Derating
Power Derating
Pulse Waveform
Pulse Waveform
Pulse Waveform
Pulse Waveform
Pulse Waveform
Clam
Clam
Clam
Clam
Clamping V
ping V
ping V
ping V
ping Voltage vs. P
oltage vs. P
oltage vs. P
oltage vs. P
oltage vs. Peak Pulse Current
eak Pulse Current
eak Pulse Current
eak Pulse Current
eak Pulse Current
FFFFFor
or
or
or
orw
w
w
w
war
ar
ar
ar
ard V
d V
d V
d V
d Voltage vs. F
oltage vs. F
oltage vs. F
oltage vs. F
oltage vs. For
or
or
or
orw
w
w
w
war
ar
ar
ar
ard Current
d Current
d Current
d Current
d Current
Capacitance vs. R
Capacitance vs. R
Capacitance vs. R
Capacitance vs. R
Capacitance vs. Reeeeevvvvver
er
er
er
erse V
se V
se V
se V
se Voltage
oltage
oltage
oltage
oltage
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (µs)
0
1
2
3
4
5
6
7
8
9
10
02
46
8
10
12
14
Forward Current - IF (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
0
10
20
30
40
01
2
3
4
Reverse Voltage - VR (V)
I/O to GND
f = 1MHz
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
101214
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e
-t
td = IPP/2
Waveform
Parameters:
tr = 8µs
td = 20µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com