Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND5N07 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VND5N07
Description  OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5N07 Datasheet(HTML) 2 Page - STMicroelectronics

  VND5N07 Datasheet HTML 1Page - STMicroelectronics VND5N07 Datasheet HTML 2Page - STMicroelectronics VND5N07 Datasheet HTML 3Page - STMicroelectronics VND5N07 Datasheet HTML 4Page - STMicroelectronics VND5N07 Datasheet HTML 5Page - STMicroelectronics VND5N07 Datasheet HTML 6Page - STMicroelectronics VND5N07 Datasheet HTML 7Page - STMicroelectronics VND5N07 Datasheet HTML 8Page - STMicroelectronics VND5N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VND5N07/VND5N07-1/VNP5N07FI/K5N07FM
2/15
Figure 2. Block Diagram
Table 3. Absolute Maximum Ratings
Table 4. Thermal Data
Symbol
Parameter
Value
Unit
DPAK
ISOWATT220
SOT-82FM
IPAK
VDS
Drain-Source Voltage (Vin = 0)
Internally Clamped
V
Vin
Input Voltage
18
V
ID
Drain Current
Internally Limited
A
IR
Reverse DC Output Current
–7
A
Vesd
Electrostatic Discharge (C = 100 pF,
R =1.5 K
Ω)
2000
V
Ptot
Total Dissipation at Tc = 25 °C
60
24
9
W
Tj
Operating Junction Temperature
Internally Limited
°C
Tc
Case Operating Temperature
Internally Limited
°C
Tstg
Storage Temperature
-55 to 150
°C
Symbol
Parameter
DPAK/IPAK
ISOWATT220
SOT-82FM
Unit
Rthj-case
Thermal Resistance Junction-case
Max
3.75
5.2
14
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
100
62.5
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com