Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND5N07 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VND5N07
Description  OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5N07 Datasheet(HTML) 3 Page - STMicroelectronics

  VND5N07 Datasheet HTML 1Page - STMicroelectronics VND5N07 Datasheet HTML 2Page - STMicroelectronics VND5N07 Datasheet HTML 3Page - STMicroelectronics VND5N07 Datasheet HTML 4Page - STMicroelectronics VND5N07 Datasheet HTML 5Page - STMicroelectronics VND5N07 Datasheet HTML 6Page - STMicroelectronics VND5N07 Datasheet HTML 7Page - STMicroelectronics VND5N07 Datasheet HTML 8Page - STMicroelectronics VND5N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
VND5N07/VND5N07-1/VNP5N07FI/K5N07FM
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise specified)
Table 5. Off
Table 6. On (1)
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Table 7. Dynamic
Note: 2. Pulsed: Pulse duration = 300 µs, duty cycle 1.5%.
Table 8. Switching (3)
Note: 3. Parameters guaranteed by design/characterization.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCLAMP
Drain-source Clamp Voltage
ID = 200 mA; Vin = 0
60
70
80
V
VCLTH
Drain-source Threshold Voltage
ID = 2 mA; Vin = 0
55
V
VINCL
Input-Source Reverse Clamp
Voltage
Iin = –1 mA
–1
–0.3
V
IDSS
Zero Input Voltage Drain
Current (Vin = 0)
VDS = 13 V; Vin = 0
VDS = 25 V; Vin = 0
50
200
µA
µA
IISS
Supply Current from Input Pin
VDS = 0 V; Vin = 10 V
250
500
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN(th)
Input Threshold Voltage
VDS = Vin; ID + Iin = 1 mA
0.8
3
V
RDS(on)
Static Drain-source On
Resistance
Vin = 10 V; ID = 2.5 A
Vin = 5 V; ID = 2.5 A
0.200
0.280
Ω
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
(2)
Forward Transconductance
VDS = 13 V; ID = 2.5 A
3
4
S
Coss
Output Capacitance
VDS = 13 V; f = 1 MHz; Vin = 0
200
300
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 15 V; Id = 2.5 A;
50
100
ns
tr
Rise Time
Vgen = 10V; Rgen = 10 Ω
60
100
ns
td(off)
Turn-off Delay Time
(see Figure 28)
150
300
ns
tf
Fall Time
40
80
ns
td(on)
Turn-on Delay Time
VDD = 15 V; Id = 2.5 A;
150
250
ns
tr
Rise Time
Vgen = 10V; Rgen = 1000 Ω
400
600
ns
td(off)
Turn-off Delay Time
(see Figure 28)
3900
5000
ns
tf
Fall Time
1100
1600
ns
(di/dt)on
Turn-on Current Slope
VDD = 15 V; ID = 2.5 A
Vin = 10 V; Rgen = 10 Ω
80
A/µS
Qi
Total Input Charge
VDD = 12 V; ID = 2.5 A; Vin = 10 V
18
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com