Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND600SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND600SP
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND600SP Datasheet(HTML) 1 Page - STMicroelectronics

  VND600SP Datasheet HTML 1Page - STMicroelectronics VND600SP Datasheet HTML 2Page - STMicroelectronics VND600SP Datasheet HTML 3Page - STMicroelectronics VND600SP Datasheet HTML 4Page - STMicroelectronics VND600SP Datasheet HTML 5Page - STMicroelectronics VND600SP Datasheet HTML 6Page - STMicroelectronics VND600SP Datasheet HTML 7Page - STMicroelectronics VND600SP Datasheet HTML 8Page - STMicroelectronics VND600SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
July 2004
1/18
®
VND600SP
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
s
DC SHORT CIRCUIT CURRENT: 25 A
s
CMOS COMPATIBLE INPUTS
s
PROPORTIONAL LOAD CURRENT SENSE
s
UNDERVOLTAGE AND OVERVOLTAGE
n
SHUT-DOWN
s
OVERVOLTAGE CLAMP
s
THERMAL SHUT DOWN
s
CURRENT LIMITATION
s
VERY LOW STAND-BY POWER DISSIPATION
s
PROTECTION AGAINST:
n LOSS OF GROUND AND LOSS OF VCC
s
REVERSE BATTERY PROTECTION (*)
DESCRIPTION
The VND600SP is a monolithic device made
using
STMicroelectronics
VIPower
M0-3
technology. It is intended for driving resistive or
inductive loads with one side connected to
ground. Active VCC pin voltage clamp protects the
device against low energy spikes (see ISO7637
transient compatibility table). This device has two
channels in high side configuration; each channel
has an analog sense output on which the sensing
current is proportional (according to a known ratio)
to the corresponding load current. Built-in thermal
shut-down and outputs current limitation protect
the chip from over temperature and short circuit.
Device
turns
off
in
case
of
ground
pin
disconnection.
TYPE
RDS(on)
Ilim
VCC
VND600SP
30m
Ω
25A
36 V
1
PowerSO-10™
BLOCK DIAGRAM
1
10
LOGIC
UNDERVOLTAGE
OVERVOLTAGE
OVERTEMP. 1
OVERTEMP. 2
ILIM2
PwCLAMP 2
K
IOUT2
ILIM1
PwCLAMP 1
K
IOUT1
INPUT 1
INPUT 2
GND
VCC
OUTPUT 1
CURRENT
SENSE 1
OUTPUT 2
CURRENT
SENSE 2
DRIVER 2
DRIVER 1
VCC CLAMP
Ot1
Ot2
Ot1
Ot2
Vdslim1
Vdslim2
(*) See application schematic at page 8
ORDER CODES
PACKAGE
TUBE
T&R
PowerSO-10™
VND600SP VND600SP13TR
Rev. 2


Similar Part No. - VND600SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND600SP-E STMICROELECTRONICS-VND600SP-E Datasheet
412Kb / 27P
Double channel high-side driver
11-Feb-2011
VND600SPTR-E STMICROELECTRONICS-VND600SPTR-E Datasheet
412Kb / 27P
Double channel high-side driver
11-Feb-2011
More results

Similar Description - VND600SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND920 STMICROELECTRONICS-VND920 Datasheet
324Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VND920P STMICROELECTRONICS-VND920P Datasheet
325Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Oct-2003
VND600PEP STMICROELECTRONICS-VND600PEP Datasheet
239Kb / 11P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Oct-2003
VND600 STMICROELECTRONICS-VND600 Datasheet
236Kb / 18P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Jul-2004
VND10B STMICROELECTRONICS-VND10B_04 Datasheet
213Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND830ASP STMICROELECTRONICS-VND830ASP Datasheet
303Kb / 17P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Nov-2003
VND10B-11-E STMICROELECTRONICS-VND10B-11-E Datasheet
222Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND830ASPTR-E STMICROELECTRONICS-VND830ASPTR-E Datasheet
367Kb / 27P
Double channel high-side solid state relay
19-Sep-2013
VND600P-E STMICROELECTRONICS-VND600P-E Datasheet
380Kb / 26P
Double channel high-side solid state relay
19-Sep-2013
VND920-E STMICROELECTRONICS-VND920-E Datasheet
228Kb / 19P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
October 2004 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com