Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND600SP Datasheet(PDF) 2 Page - STMicroelectronics

Part # VND600SP
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND600SP Datasheet(HTML) 2 Page - STMicroelectronics

  VND600SP Datasheet HTML 1Page - STMicroelectronics VND600SP Datasheet HTML 2Page - STMicroelectronics VND600SP Datasheet HTML 3Page - STMicroelectronics VND600SP Datasheet HTML 4Page - STMicroelectronics VND600SP Datasheet HTML 5Page - STMicroelectronics VND600SP Datasheet HTML 6Page - STMicroelectronics VND600SP Datasheet HTML 7Page - STMicroelectronics VND600SP Datasheet HTML 8Page - STMicroelectronics VND600SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
VND600SP
ABSOLUTE MAXIMUM RATING
CONFIGURATION DIAGRAM (TOP VIEW) & SUGGESTED CONNECTIONS FOR UNUSED AND N.C.
PINS
CURRENT AND VOLTAGE CONVENTIONS
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
-VCC
Reverse supply voltage
-0.3
V
- IGND
DC reverse ground pin current
-200
mA
IOUT
Output current
Internally limited
A
IR
Reverse output current
-21
A
IIN
Input current
+/- 10
mA
VCSENSE
Current sense maximum voltage
-3
+15
V
V
VESD
Electrostatic Discharge (Human Body Model: R=1.5K
Ω; C=100pF)
- INPUT
- CURRENT SENSE
- OUTPUT
- VCC
4000
2000
5000
5000
V
V
V
V
EMAX
Maximum Switching Energy
(L=0.13mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=40A)
145
mJ
Ptot
Power dissipation at Tc=25°C
96.1
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
1
IS
IGND
OUTPUT2
VCC
IOUT2
VCC
VSENSE2
CURRENT SENSE 1
ISENSE1
VOUT2
OUTPUT1
IOUT1
CURRENT SENSE 2
ISENSE2
VSENSE1
VOUT1
INPUT2
IIN2
INPUT1
IIN1
VIN2
VIN1
1
2
3
4
5
6
7
8
9
10
11
OUTPUT 2
OUTPUT 2
N.C.
OUTPUT 1
OUTPUT 1
GROUND
INPUT 2
INPUT 1
C.SENSE1
C.SENSE2
VCC
GROUND
VF1 (*)
(*) VFn = VCCn - VOUTn during reverse battery condition
Connection / Pin
Current Sense
N.C.
Output
Input
Floating
X
X
X
To Ground
Through 1K
Ω
resistor
X
Through 10K
Ω
resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com