Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830MSP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND830MSP
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830MSP Datasheet(HTML) 1 Page - STMicroelectronics

  VND830MSP Datasheet HTML 1Page - STMicroelectronics VND830MSP Datasheet HTML 2Page - STMicroelectronics VND830MSP Datasheet HTML 3Page - STMicroelectronics VND830MSP Datasheet HTML 4Page - STMicroelectronics VND830MSP Datasheet HTML 5Page - STMicroelectronics VND830MSP Datasheet HTML 6Page - STMicroelectronics VND830MSP Datasheet HTML 7Page - STMicroelectronics VND830MSP Datasheet HTML 8Page - STMicroelectronics VND830MSP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
®
July 2002
1/18
VND830MSP
DOUBLE CHANNEL HIGH SIDE DRIVER
1
(*) Per each channel
s
CMOS COMPATIBLE INPUTS
s
OPEN DRAIN STATUS OUTPUTS
s
ON STATE OPEN LOAD DETECTION
s
OFF STATE OPEN LOAD DETECTION
s
SHORTED LOAD PROTECTION
s
UNDERVOLTAGE AND OVERVOLTAGE
SHUTDOWN
s
LOSS OF GROUND PROTECTION
s
VERY LOW STAND-BY CURRENT
s
REVERSE BATTERY PROTECTION (**)
DESCRIPTION
The VND830MSP is a monolithic device designed
in STMicroelectronics VIPower m0-3 Technology,
intended for driving any kind of load with one side
connected to ground.
Active VCC pin voltage clamp protects the device
against low energy spikes (see ISO7637 transient
compatibility
table). Active current limitation
combined with thermal shutdown and automatic
restart protects the device against overload. The
device detects open load condition both in on and
off state. Output shorted to VCC is detected in the
off state. The openload threshold is aimed at
detecting the 5W/12V standard bulb as an
openload
fault
in
the
on
state.
Device
automatically turns off in case of ground pin
disconnection.
TYPE
RDS(on)
IOUT
VCC
VND830MSP
60 m
Ω (*)
6 A (*)
36 V
BLOCK DIAGRAM
(**) See application schematic at page 8
1
10
PowerSO-10™
OVERTEMP. 1
VCC
GND
INPUT1
OUTPUT1
OVERVOLTAGE
LOGIC
DRIVER 1
STATUS1
VCC
CLAMP
UNDERVOLTAGE
CLAMP 1
OPENLOAD ON 1
CURRENT LIMITER 1
OPENLOAD OFF 1
OUTPUT2
DRIVER 2
CLAMP 2
OPENLOAD ON 2
OPENLOAD OFF 2
OVERTEMP. 2
INPUT2
STATUS2
CURRENT LIMITER 2
ORDER CODES
PACKAGE
TUBE
T&R
PowerSO-10™ VND830MSP VND830MSP13TR


Similar Part No. - VND830MSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND830MSP STMICROELECTRONICS-VND830MSP Datasheet
294Kb / 27P
Double channel high-side driver
20-Sep-2013
VND830MSP-E STMICROELECTRONICS-VND830MSP-E Datasheet
188Kb / 20P
DOUBLE CHANNEL HIGH SIDE DRIVER
Oct-2004
VND830MSP-E STMICROELECTRONICS-VND830MSP-E Datasheet
298Kb / 28P
Double channel high-side driver
23-Sep-2013
VND830MSP-E STMICROELECTRONICS-VND830MSP-E_V01 Datasheet
298Kb / 28P
Double channel high-side driver
23-Sep-2013
VND830MSPTR-E STMICROELECTRONICS-VND830MSPTR-E Datasheet
188Kb / 20P
DOUBLE CHANNEL HIGH SIDE DRIVER
Oct-2004
More results

Similar Description - VND830MSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND810 STMICROELECTRONICS-VND810 Datasheet
254Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND810SP STMICROELECTRONICS-VND810SP Datasheet
263Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND830 STMICROELECTRONICS-VND830 Datasheet
308Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND830SP STMICROELECTRONICS-VND830SP Datasheet
266Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
rev. A
VND810MSP STMICROELECTRONICS-VND810MSP Datasheet
197Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2004
VND600PEP-E STMICROELECTRONICS-VND600PEP-E Datasheet
232Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
May-2005
VND600SPTR-E STMICROELECTRONICS-VND600SPTR-E Datasheet
412Kb / 27P
Double channel high-side driver
11-Feb-2011
VND810-E STMICROELECTRONICS-VND810-E Datasheet
202Kb / 20P
DOUBLE CHANNEL HIGH SIDE DRIVER
Oct-2004
VND830P-E STMICROELECTRONICS-VND830P-E Datasheet
427Kb / 27P
Double channel high-side driver
22-Sep-2010
VND830E-E STMICROELECTRONICS-VND830E-E Datasheet
352Kb / 26P
Double channel high-side driver
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com