Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830MSP Datasheet(PDF) 2 Page - STMicroelectronics

Part # VND830MSP
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830MSP Datasheet(HTML) 2 Page - STMicroelectronics

  VND830MSP Datasheet HTML 1Page - STMicroelectronics VND830MSP Datasheet HTML 2Page - STMicroelectronics VND830MSP Datasheet HTML 3Page - STMicroelectronics VND830MSP Datasheet HTML 4Page - STMicroelectronics VND830MSP Datasheet HTML 5Page - STMicroelectronics VND830MSP Datasheet HTML 6Page - STMicroelectronics VND830MSP Datasheet HTML 7Page - STMicroelectronics VND830MSP Datasheet HTML 8Page - STMicroelectronics VND830MSP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
VND830MSP
ABSOLUTE MAXIMUM RATING
CONNECTION DIAGRAM (TOP VIEW)
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
41
V
- VCC
Reverse DC Supply Voltage
- 0.3
V
- IGND
DC Reverse Ground Pin Current
- 200
mA
IOUT
DC Output Current
Internally Limited
A
- IOUT
Reverse DC Output Current
- 6
A
IIN
DC Input Current
+/- 10
mA
ISTAT
DC Status Current
+/- 10
mA
VESD
Electrostatic Discharge (Human Body Model: R=1.5K
Ω; C=100pF)
- INPUT
- STATUS
- OUTPUT
- VCC
4000
4000
5000
5000
V
V
V
V
EMAX
Maximum Switching Energy
(L=1.8mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=9A)
100
mJ
Ptot
Power Dissipation TC=25°C
73.5
W
Tj
Junction Operating Temperature
Internally Limited
°C
Tc
Case Operating Temperature
- 40 to 150
°C
Tstg
Storage Temperature
- 55 to 150
°C
1
CURRENT AND VOLTAGE CONVENTIONS
1
2
3
4
5
6
7
8
9
10
11
OUTPUT 1
OUTPUT 1
N.C.
OUTPUT 2
OUTPUT 2
GROUND
INPUT 1
STATUS 1
STATUS 2
INPUT 2
VCC
IS
IGND
OUTPUT 2
VCC
GND
STATUS 2
INPUT 2
IOUT2
IIN2
ISTAT2
VSTAT2
VIN2
VCC
VOUT2
OUTPUT 1
IOUT1
VOUT1
INPUT 1
IIN1
STATUS 1
ISTAT1
VIN1
VSTAT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com