Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS80C320
Description  High-Speed/Low-Power Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS80C320 Datasheet HTML 7Page - Maxim Integrated Products DS80C320 Datasheet HTML 8Page - Maxim Integrated Products DS80C320 Datasheet HTML 9Page - Maxim Integrated Products DS80C320 Datasheet HTML 10Page - Maxim Integrated Products DS80C320 Datasheet HTML 11Page - Maxim Integrated Products DS80C320 Datasheet HTML 12Page - Maxim Integrated Products DS80C320 Datasheet HTML 13Page - Maxim Integrated Products DS80C320 Datasheet HTML 14Page - Maxim Integrated Products DS80C320 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
11 of 40
Table 1 shows the speed for each class of instruction. Note that many of the instructions have multiple op
codes. There are 255 op codes for 111 instructions. Of the 255 op codes, 159 are three times faster than
the original 80C32. While a system that emphasizes those instructions will see the most improvement, the
large total number that receive a 3 to 1 improvement assure a dramatic speed increase for any system. The
speed improvement summary is provided below.
SPEED ADVANTAGE SUMMARY
#OP CODES
SPEED
IMPROVEMENT
159
3.0 x
51
1.5 x
43
2.0 x
2
2.4 x
255
Average: 2.5
MEMORY ACCESS
The DS80C320/DS80C323 do not contain on-chip ROM and 256 bytes of scratchpad RAM. Off-chip
memory is accessed using the multiplexed address/data bus on P0 and the MSB address on P2. Figure 3
shows a typical memory connection. Timing diagrams are provided in the Electrical Specifications
section. Program memory (ROM) is accessed at a fixed rate determined by the crystal frequency and the
actual instructions. As previously mentioned, an instruction cycle requires 4 clocks. Data memory (RAM)
is accessed according to a variable-speed MOVX instruction as described below.
Figure 3. Typical Memory Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com