Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS80C320
Description  High-Speed/Low-Power Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS80C320 Datasheet HTML 17Page - Maxim Integrated Products DS80C320 Datasheet HTML 18Page - Maxim Integrated Products DS80C320 Datasheet HTML 19Page - Maxim Integrated Products DS80C320 Datasheet HTML 20Page - Maxim Integrated Products DS80C320 Datasheet HTML 21Page - Maxim Integrated Products DS80C320 Datasheet HTML 22Page - Maxim Integrated Products DS80C320 Datasheet HTML 23Page - Maxim Integrated Products DS80C320 Datasheet HTML 24Page - Maxim Integrated Products DS80C320 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
21 of 40
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground…………………………………………-0.3V to (VCC + 0.5V)
Voltage Range on VCC Relative to Ground……………………………………………………..-0.3V to +6.0V
Operating Temperature Range………………………………………………………………….-40°C to +85°C
Storage Temperature Range…………………………………………………………………..-55°C to +125°C
Soldering Temperature…………………………………………….See IPC/JEDEC J-STD-020 Specification
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of
time may affect reliability.
DC ELECTRICAL CHARACTERISTICS—DS80C320
(VCC = 4.5V to 5.5V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Operating Supply Voltage
VCC
4.5
5.0
5.5
V
1
Power-Fail Warning Voltage
VPFW
4.25
4.38
4.55
V
1
Minimum Operating Voltage
VRST
4.0
4.1
4.25
V
1, 12
Supply Current Active Mode at 25MHz
ICC
30
45
mA
2
Supply Current Idle Mode at 25MHz
IIDLE
15
25
mA
3
Supply Current Active Mode at 33MHz
ICC
35
mA
2
Supply Current Idle Mode at 33MHz
IIDLE
20
mA
3
Supply Current Stop Mode,
Bandgap Reference Disabled
ISTOP
0.01
1
µA
4
Supply Current Stop Mode,
Bandgap Reference Enabled
ISPBG
50
80
µA
4, 10
Input Low Level
VIL
-0.3
+0.8
V
1
Input High Level (Except XTAL1 and RST)
VIH1
2.0
VCC + 0.3
V
1
Input High Level XTAL1 and RST
VIH2
3.5
VCC + 0.3
V
1
Output-Low Voltage Ports 1, 3
at IOL = 1.6mA
VOL1
0.45
V
1
Output-Low Voltage Ports 0, 2, ALE, PSEN
at IOL = 3.2mA
VOL2
0.45
V
1, 5
Output-High Voltage Ports 1, 3, ALE, PSEN
at IOH = -50µA
VOH1
2.4
V
1, 6
Output High Voltage Ports 1, 3
at IOH = -1.5mA
VOH2
2.4
V
1, 7
Output-High Voltage Ports 0, 2, ALE, PSEN
at IOH = -8mA
VOH3
2.4
V
1, 5
Input Low Current Ports 1, 3 at 0.45V
IIL
-55
µA
11
Transition Current from 1 to 0
Ports 1, 3 at 2V
ITL
-650
µA
8
Input Leakage Port 0, Bus Mode
IL
-300
+300
µA
9
RST Pulldown Resistance
RRST
50
170
k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com