Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0601 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATR0601
Description  GPS Front-end IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0601 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATR0601 Datasheet HTML 9Page - ATMEL Corporation ATR0601 Datasheet HTML 10Page - ATMEL Corporation ATR0601 Datasheet HTML 11Page - ATMEL Corporation ATR0601 Datasheet HTML 12Page - ATMEL Corporation ATR0601 Datasheet HTML 13Page - ATMEL Corporation ATR0601 Datasheet HTML 14Page - ATMEL Corporation ATR0601 Datasheet HTML 15Page - ATMEL Corporation ATR0601 Datasheet HTML 16Page - ATMEL Corporation ATR0601 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
4866G–GPS–11/06
ATR0601
11. Demonstration Board
Figure 11-1. Schematic of Demonstration Board
20
PUXTO
J9
J8
1
5
6
1
2
12 3
12 3
2
3
AGCO
EGC
2
1
1
2
1
2
1
2
3
2
C6
C5
X1
15
L5
L6
C22
C3
C10
C7
C19
C8
C9
C1
C2
P2
FI1
P1
9
P4
J5
VDD1.8
VDD1.8
VDD1.8
TEST
SH
23
SDI
J3
NXTO
NX
PURF
XXTO
BPI
MO
8
16
21
NBPI
C4
10
NRF
C15
11
RF
6
517
18
NC
12
4
3
13
L3
J2
1
2
3
19
1
7
J1
VCC
VCC
VCC
VCC
VDIG
L2
OUT
NOUT
L4
C21
C17
BP
14
NBP
R1
FB1
FB2
R7
J6
SL
22
J4
SC
24
1
2
IN
NIN
C23
R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com