Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0601 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR0601
Description  GPS Front-end IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0601 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR0601 Datasheet HTML 1Page - ATMEL Corporation ATR0601 Datasheet HTML 2Page - ATMEL Corporation ATR0601 Datasheet HTML 3Page - ATMEL Corporation ATR0601 Datasheet HTML 4Page - ATMEL Corporation ATR0601 Datasheet HTML 5Page - ATMEL Corporation ATR0601 Datasheet HTML 6Page - ATMEL Corporation ATR0601 Datasheet HTML 7Page - ATMEL Corporation ATR0601 Datasheet HTML 8Page - ATMEL Corporation ATR0601 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
4866G–GPS–11/06
ATR0601
2.
Pin Configuration
Figure 2-1.
Pinning QFN24
1
2
3
4
5
6
18
17
16
15
14
13
7 8 9 10 11 12
24 23 22 21 20 19
Paddle
GND
VDIG
AGCO
NXTO
NX
X
XTO
PURF
PUXTO
NBPI
BPI
NBP
BP
Table 2-1.
Pin Description
Pin
Symbol
Type(1)
Function
Paddle
GND
S
Common ground
1
VDIG
S
Digital supply
2
AGCO
A_I/O
AGC: gain control voltage output/corner frequency determination
3
NXTO
A_I
XTO interface (optional: TCXO input)
4
NX
A_O
XTO interface
5
X
A_O
XTO interface
6
XTO
A_I
XTO interface (optional: TCXO input)
7
VCC
S
Analog supply
8
MO
A_O
Testbuffer output (fIF)
9
TEST
A_I
Enable testbuffer
10
NRF
A_I
RF input complementary
11
RF
A_I
RF input
12
NC
–
Not connected
13
BP
A_O
IF-Filter interface (mixer output, open collector)
14
NBP
A_O
IF-Filter interface (mixer output complementary, open collector)
15
BPI
A_I
IF-Filter interface (IF-input)
16
NBPI
A_I
IF-Filter interface (IF-input complementary)
17
PUXTO
D_I
Power-up XTO
18
PURF
D_I
Power-up RF
19
VCC
S
Analog supply
20
EGC
D_I
Enable external gain control (high = external; low = internal)
21
SDI
D_I
Input for external gain control signal (
Σ∆ modulation)
22
SL
D_O
Data output: “low”
23
SH
D_O
Data output: “high”
24
SC
D_O
Sample clock
Note:
1. Type: A_I Analog input, A_O Analog output, D_I Digital input, D_O Digital output, S Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com