Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF212 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT86RF212
Description  Low Power 800/900 MHz Transceiver for IEEE 802.15.4- 2006, ZigbeeTM, and ISM Applications
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF212 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT86RF212 Datasheet HTML 1Page - ATMEL Corporation AT86RF212 Datasheet HTML 2Page - ATMEL Corporation AT86RF212 Datasheet HTML 3Page - ATMEL Corporation AT86RF212 Datasheet HTML 4Page - ATMEL Corporation AT86RF212 Datasheet HTML 5Page - ATMEL Corporation AT86RF212 Datasheet HTML 6Page - ATMEL Corporation AT86RF212 Datasheet HTML 7Page - ATMEL Corporation AT86RF212 Datasheet HTML 8Page - ATMEL Corporation AT86RF212 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 173 page
background image
2
8168A-AVR-06/08
AT86RF212
Disclaimer
Values contained in this datasheet are based on simulations and characterization of
other transceivers manufactured on a similar process technology. Final values will be
available after the device is characterized.
1 Overview
The AT86RF212 is a low-power, low-voltage 800/900 MHz transceiver specially
designed for low-cost IEEE 802.15.4, ZigBee
TM, and high data rate ISM applications.
For the sub-1 GHz bands, it supports low data rates (20 and 40 kbit/s) of the IEEE
802.15.4-2003 standard [2] and provides optional data rates (100 and 250 kbit/s) using
O-QPSK, according to IEEE 802.15.4-2006 [1]. Furthermore, proprietary High Data
Rates Modes up to 1000 kbit/s can be employed.
The AT86RF212 is a true SPI-to-antenna solution. RF-critical components except the
antenna, crystal, and de-coupling capacitors are integrated on-chip. MAC and AES
hardware accelerators improve overall system power efficiency and timing.
1.1 General Circuit Description
The AT86RF212 single-chip RF transceiver provides a complete radio interface
between the antenna and the microcontroller. It comprises the analog radio part, digital
modulation and demodulation including time and frequency synchronization, as well as
data buffering. The number of external components is minimized so that only the
antenna, a filter (at high output power levels), the crystal, and four bypass capacitors
are required. The bidirectional differential antenna pins are used in common for RX and
TX, i.e. no external antenna switch is needed. Control of an external power amplifier is
supported by two digital control signals (differential operation). The transceiver block
diagram is shown in Figure 1-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com