Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF212 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT86RF212
Description  Low Power 800/900 MHz Transceiver for IEEE 802.15.4- 2006, ZigbeeTM, and ISM Applications
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF212 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT86RF212 Datasheet HTML 17Page - ATMEL Corporation AT86RF212 Datasheet HTML 18Page - ATMEL Corporation AT86RF212 Datasheet HTML 19Page - ATMEL Corporation AT86RF212 Datasheet HTML 20Page - ATMEL Corporation AT86RF212 Datasheet HTML 21Page - ATMEL Corporation AT86RF212 Datasheet HTML 22Page - ATMEL Corporation AT86RF212 Datasheet HTML 23Page - ATMEL Corporation AT86RF212 Datasheet HTML 24Page - ATMEL Corporation AT86RF212 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 173 page
background image
21
8168A-AVR-06/08
AT86RF212
4.5.1 Register Description
Register 0x1C (PART_NUM):
Table 4-6. Register 0x1C (PART_NUM)
Bit
7
6
5
4
3
2
1
0
Name
PART_NUM[7:0]
Read/Write
R
Reset Value
0
0
0
0
0
1
1
1
• Bit 7:0 – PART_NUM
This register contains the radio transceiver part number.
Table 4-7. Radio Transceiver Part Number
Register Bits
Value
State Description
PART_NUM
7
AT86RF212 part number
Register 0x1D (VERSION_NUM):
Table 4-8. Register 0x1D (VERSION_NUM)
Bit
7
6
5
4
3
2
1
0
Name
VERSION_NUM[7:0]
Read/Write
R
Reset Value
0
0
0
0
0
0
0
1
• Bit 7:0 – VERSION_NUM
This register contains the radio transceiver version number.
Table 4-9. Radio Transceiver Version Number
Register Bits
Value
State Description
VERSION_NUM
1
Revision A
Register 0x1E (MAN_ID_0):
Table 4-10. Register 0x1E (MAN_ID_0)
Bit
7
6
5
4
3
2
1
0
Name
MAN_ID_0[7:0]
Read/Write
R
Reset Value
0
0
0
1
1
1
1
1
• Bit 7:0 – MAN_ID_0
Bits [7:0] of the 32-bit JEDEC manufacturer ID are stored in register bits MAN_ID_0.
Bits [15:8] are stored in register 0x1F (MAN_ID_1). The highest 16 bits of the ID are not
stored in registers.
Table 4-11. JEDEC Manufacturer ID – Bits [7:0]
Register Bits
Value
State Description
MAN_ID_0
0x1F
Atmel JEDEC manufacturer ID,
Bits [7:0] of 32 bit manufacturer ID: 00 00 00 1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com