Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC811 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC811
Description  Adapter/USB Tri-Mode Single-cell Li-ion Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC811 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC811 Datasheet HTML 9Page - Semtech Corporation SC811 Datasheet HTML 10Page - Semtech Corporation SC811 Datasheet HTML 11Page - Semtech Corporation SC811 Datasheet HTML 12Page - Semtech Corporation SC811 Datasheet HTML 13Page - Semtech Corporation SC811 Datasheet HTML 14Page - Semtech Corporation SC811 Datasheet HTML 15Page - Semtech Corporation SC811 Datasheet HTML 16Page - Semtech Corporation SC811 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
© 2008 Semtech Corporation
SC811 / SC813
13
Applications Information (continued)
the resistance between IPRGM and GND according to the
equation
When either of the USB modes is selected, the pro-
grammed CC regulation fast-charge current is inversely
proportional to the resistance between IPUSB and GND
according to the equation
The fast-charge current can be programmed for a
minimum of 70mA and a maximum of 995mA for either
adapter or USB high power mode. This range for both
modes permits the use of USB high power mode for
general purpose adapter charging, allowing fully inde-
pendent programming of termination current. (See the
application sections, Independent Programming of
Termination Current, and USB-only Charging of Very
Large Batteries.)
Current regulation accuracy is dominated by gain error at
high current settings, and offset error at low current set-
tings. The range of expected fast-charge output current
versus programming resistance R
IPRGM
or R
IPUSB
(for adapter
or USB high power mode, respectively) is shown in Figures
1a and 1b. Each figure shows the nominal fast-charge
current versus nominal R
IPRGM
or R
IPUSB
resistance as the
center plot, and two theoretical limit plots indicating
maximum and minimum current versus nominal pro-
gramming resistance. These plots are derived from
models of the expected worst-case contribution of error
sources depending on programmed current. The current
range includes the uncertainty due to 1% tolerance resis-
tors. The dots on each plot indicate the currents obtained
with standard value 1% tolerance resistors. Figures 1a
and 1b show low and high resistance ranges, respectively.
The USB low power mode fast-charge current accuracy is
exactly like that of pre-charge in high power mode. USB
low power mode current regulation accuracy is addressed
in the next section.
Pre-charge and USB Low Power Mode Fast-
charge Current Regulation
Pre-charging is automatically selected when the battery
voltage is below the pre-charge threshold voltage (VT
PreQ),
typically 2.8V. Pre-charge current conditions the battery
for fast charging. The pre-charge current value is fixed at
20% nominally of the fast-charge current. It is pro-
grammed by the resistance between IPRGM and GND for
adapter mode and USB high power mode, and by the
resistance between IPUSB and GND for USB low power
mode. Note that USB low power mode pre-charge current
is equal to USB low power mode fast-charge current.
22.5
33.5
44.5
55.5
66.5
7
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
1100
R
IPRGM
or R
IPUSB
(kΩ), R-tol = 1%
Figure 1a — Fast-charge Current Tolerance versus
Programming Resistance, Low Resistance Range
7
8
9
10
11121314
15161718
19202122
232425
26272829
50
75
100
125
150
175
200
225
250
275
300
325
R
IPRGM
or R
IPUSB
(kΩ), R-tol = 1%
Figure 1b — Fast-charge Current Tolerance versus
Programming Resistance, High Resistance Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com