Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC811 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC811
Description  Adapter/USB Tri-Mode Single-cell Li-ion Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC811 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC811 Datasheet HTML 10Page - Semtech Corporation SC811 Datasheet HTML 11Page - Semtech Corporation SC811 Datasheet HTML 12Page - Semtech Corporation SC811 Datasheet HTML 13Page - Semtech Corporation SC811 Datasheet HTML 14Page - Semtech Corporation SC811 Datasheet HTML 15Page - Semtech Corporation SC811 Datasheet HTML 16Page - Semtech Corporation SC811 Datasheet HTML 17Page - Semtech Corporation SC811 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
© 2008 Semtech Corporation
SC811 / SC813
14
Pre-charge current regulation accuracy is dominated by
offset error. The range of expected pre-charge output
current versus programming resistance R
IPRGM
or R
IPUSB
is
shown in Figures 2a and 2b. Each figure shows the
nominal pre-charge current versus nominal R
IPRGM
or R
IPUSB
resistance as the center plot and two theoretical limit plots
indicating maximum and minimum current versus
nominal programming resistance. These plots are derived
from models of the expected worst-case contribution of
error sources depending on programmed current. The
current range includes the uncertainty due to 1% toler-
ance resistors. The dots on each plot indicate the currents
obtained with standard value 1% tolerance resistors.
Figures 2a and 2b show low and high resistance ranges,
respectively.
Termination
When the battery voltage reaches V
CV, the SC811/3 transi-
tions from constant current regulation to constant voltage
regulation. While V
BAT
is regulated to V
CV
, the current into
the battery decreases as the battery becomes fully
charged. When the output current drops below the termi-
nation threshold current, charging terminates. Upon
termination, the STATB pin open drain output turns off
and the charger either enters monitor state or float-
charges the battery, depending on the logical state of the
ENB input pin.
Applications Information (continued)
The termination threshold current is fixed at 10% of the
adapter mode fast-charge current, as programmed by the
resistance between IPRGM and GND, for all charging
modes. If only the USB modes will be used, the termina-
tion threshold current can be programmed independently
of the fast-charge current. (See the application sections,
Independent Programming of Termination Current, and
USB-only Charging of Very Large Batteries.)
Charger output current is the sum of the battery charge
current and the system load current. Battery charge
current changes gradually, and establishes a slowly
diminishing lower bound on the output current while
charging in CV mode. The load current into a typical
digital system is highly transient in nature. Charge cycle
termination is detected when the sum of the battery
charging current and the greatest load current occurring
within the immediate 300μs to 550μs past interval is less
than the programmed termination current. This timing
behavior permits charge cycle termination to occur
during a brief low-load-current interval, and does not
require that the longer interval average load current be
small.
Termination threshold current accuracy is dominated by
offset error. The range of expected termination current
versus programming resistance R
IPRGM
(for any charging
mode) is shown in Figures 3a and 3b. Each figure shows
22.5
33.5
44.5
55.5
66.5
7
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
R
IPRGM
or R
IPUSB
(kΩ), R-tol = 1%
Figure 2a — Pre-charge Current and USB Low Power
Mode Fast-charge Current Tolerance vs. Programming
Resistance, Low Resistance Range
7
8
9
10
11121314
15161718
19202122
232425
26272829
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
R
IPRGM
or R
IPUSB
(kΩ), R-tol = 1%
Figure 2b — Pre-charge Current and USB Low Power
Mode Fast-charge Current Tolerance vs. Programming
Resistance, High Resistance Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com