Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ600 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VNQ600
Description  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ600 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNQ600 Datasheet HTML 6Page - STMicroelectronics VNQ600 Datasheet HTML 7Page - STMicroelectronics VNQ600 Datasheet HTML 8Page - STMicroelectronics VNQ600 Datasheet HTML 9Page - STMicroelectronics VNQ600 Datasheet HTML 10Page - STMicroelectronics VNQ600 Datasheet HTML 11Page - STMicroelectronics VNQ600 Datasheet HTML 12Page - STMicroelectronics VNQ600 Datasheet HTML 13Page - STMicroelectronics VNQ600 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10/18
VNQ600
µC I/Os PROTECTION:
If a ground protection network is used and negative
transients are present on the VCC line, the control pins will
be pulled negative. ST suggests to insert a resistor (Rprot)
in line to prevent the
µC I/Os pins to latch-up.
The value of these resistors is a compromise between the
leakage current of
µC and the current required by the
HSD I/Os (Input levels compatibility) with the latch-up limit
of
µC I/Os.
-VCCpeak/Ilatchup ≤ Rprot ≤ (VOHµC-VIH-VGND) / IIHmax
Calculation example:
For VCCpeak= - 100V and Ilatchup ≥ 20mA; VOHµC ≥ 4.5V
5k
Ω ≤ R
prot ≤ 65kΩ.
Recommended Rprot value is 10kΩ.
02
46
8
10
12
14
16
3000
3500
4000
4500
5000
5500
6000
6500
min.Tj=-40°C
max.Tj=-40°C
min.Tj=25...150°C
max.Tj=25...150°C
typical value
Figure 3: IOUT/ISENSE versus IOUT
IOUT/ISENSE
IOUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com