Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ600 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VNQ600
Description  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ600 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VNQ600 Datasheet HTML 10Page - STMicroelectronics VNQ600 Datasheet HTML 11Page - STMicroelectronics VNQ600 Datasheet HTML 12Page - STMicroelectronics VNQ600 Datasheet HTML 13Page - STMicroelectronics VNQ600 Datasheet HTML 14Page - STMicroelectronics VNQ600 Datasheet HTML 15Page - STMicroelectronics VNQ600 Datasheet HTML 16Page - STMicroelectronics VNQ600 Datasheet HTML 17Page - STMicroelectronics VNQ600 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14/18
VNQ600
SO-28 Double island PC Board
Thermal calculation according to the PCB heatsink area
RthA = Thermal resistance Junction to Ambient with one chip ON
RthB = Thermal resistance Junction to Ambient with both chips ON and Pdchip1=Pdchip2
RthC = Mutual thermal resistance
Rthj-amb Vs. PCB copper area in open box free air condition
Chip 1
Chip 2
Tjchip1
Tjchip2
Note
ON
OFF
RthA x Pdchip1 + Tamb
RthC x Pdchip1 + Tamb
OFF
ON
RthC x Pdchip2 + Tamb
RthA x Pdchip2 + Tamb
ON
ON
RthB x (Pdchip1 + Pdchip2) + Tamb
RthB x (Pdchip1 + Pdchip2) + Tamb
Pdchip1=Pdchip2
ON
ON
(RthA x Pdchip1) + RthC x Pdchip2 + Tamb
(RthA x Pdchip2) + RthC x Pdchip1 + Tamb Pdchip1≠Pdchip2
SO-28 DOUBLE ISLAND THERMAL DATA
Layout condition of Rth and Zth measurements (PCB FR4 area= 58mm x 58mm, PCB thickness=2mm,
Cu thickness=35
µm, Copper areas: 0.5cm2, 3cm2, 6cm2).
10
20
30
40
50
60
70
01
2345
6
7
PCB Cu heats ink area (cm ^2)/island
RTHj_am b
(°C/W)
RthA
RthB
RthC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com