Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ600A Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNQ600A
Description  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ600A Datasheet(HTML) 1 Page - STMicroelectronics

  VNQ600A Datasheet HTML 1Page - STMicroelectronics VNQ600A Datasheet HTML 2Page - STMicroelectronics VNQ600A Datasheet HTML 3Page - STMicroelectronics VNQ600A Datasheet HTML 4Page - STMicroelectronics VNQ600A Datasheet HTML 5Page - STMicroelectronics VNQ600A Datasheet HTML 6Page - STMicroelectronics VNQ600A Datasheet HTML 7Page - STMicroelectronics VNQ600A Datasheet HTML 8Page - STMicroelectronics VNQ600A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
June 2003
1/18
P
®
VNQ600A
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
s
DC SHORT CIRCUIT CURRENT: 25A
s
CMOS COMPATIBLE INPUTS
s
PROPORTIONAL LOAD CURRENT SENSE
s
UNDERVOLTAGE & OVERVOLTAGE
nSHUT-DOWN
s
OVERVOLTAGE CLAMP
s
THERMAL SHUT-DOWN
s
CURRENT LIMITATION
s
VERY LOW STAND-BY POWER DISSIPATION
s
PROTECTION AGAINST:
nLOSS OF GROUND & LOSS OF VCC
s
REVERSE BATTERY PROTECTION (**)
DESCRIPTION
The VNQ600A is a quad HSD formed by
assembling two VND600 chips in the same SO-28
package. The VND600 is a monolithic device
designed in| STMicroelectronics VIPower M0-3
Technology. The VNQ600A is intended for driving
any type of multiple loads with one side connected
to ground. This device has four independent
channels and four analog sense outputs which
deliver currents proportional to the outputs
currents. Active current limitation combined with
thermal shut-down and automatic restart protect
the device against overload. Device automatically
turns off in case of ground pin disconnection.
TYPE
RDS(on)(*)
Ilim
VCC
VNQ600A
35m
Ω
25A
36 V
(*) Per each channel
ABSOLUTE MAXIMUM RATING
(**) See application schematic at page 9.
Symbol
Parameter
Value
Unit
VCC
Supply voltage (continuous)
41
V
-VCC
Reverse supply voltage (continuous)
-0.3
V
IOUT
Output current (continuous), for each channel
15
A
IR
Reverse output current (continuous), for each channel
-15
A
IIN
Input current
+/- 10
mA
VCSENSE
Current sense maximum voltage
-3
+15
V
V
IGND
Ground current at Tpins < 25°C (continuous)
-200
mA
VESD
Electrostatic Discharge (Human Body Model: R=1.5K
Ω; C=100pF)
- INPUT
- CURRENT SENSE
- OUTPUT
- VCC
4000
2000
5000
5000
V
V
V
V
EMAX
Maximum Switching Energy
(L=0.11mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=40A)
126
mJ
Ptot
Power dissipation (per island) at Tlead=25°C
6.25
W
Tj
Junction operating temperature
Internally Limited
°C
Tstg
Storage temperature
-55 to 150
°C
SO-28 (DOUBLE ISLAND)
ORDER CODES
PACKAGE
TUBE
T&R
SO-28
VNQ600A
VNQ600A13TR


Similar Part No. - VNQ600A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ600A STMICROELECTRONICS-VNQ600A Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ600A-1 STMICROELECTRONICS-VNQ600A-1 Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ600AP STMICROELECTRONICS-VNQ600AP Datasheet
234Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Apr-2004
VNQ600AP-E STMICROELECTRONICS-VNQ600AP-E Datasheet
526Kb / 26P
Quad channel high side driver
20-Sep-2013
VNQ600AP13TR STMICROELECTRONICS-VNQ600AP13TR Datasheet
234Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Apr-2004
More results

Similar Description - VNQ600A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ05XSP16 STMICROELECTRONICS-VNQ05XSP16 Datasheet
247Kb / 17P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ600 STMICROELECTRONICS-VNQ600 Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ600A-1 STMICROELECTRONICS-VNQ600A-1 Datasheet
339Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ660SP STMICROELECTRONICS-VNQ660SP Datasheet
237Kb / 16P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
03-Dec-2008
VNQ690SP STMICROELECTRONICS-VNQ690SP Datasheet
188Kb / 19P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
July 2004 Rev. 1
VNQ600AP STMICROELECTRONICS-VNQ600AP Datasheet
234Kb / 18P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Apr-2004
VNQ690SP13TR STMICROELECTRONICS-VNQ690SP13TR Datasheet
404Kb / 26P
Quad channel high side solid state relay
02-Dec-2008
VNQ660SPTR-E STMICROELECTRONICS-VNQ660SPTR-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VNQ05XSP16TR-E STMICROELECTRONICS-VNQ05XSP16TR-E Datasheet
255Kb / 17P
QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
Mar-2003
VNQ660SP-E STMICROELECTRONICS-VNQ660SP-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com