Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ810M Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNQ810M
Description  QUAD CHANNEL HIGH SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ810M Datasheet(HTML) 1 Page - STMicroelectronics

  VNQ810M Datasheet HTML 1Page - STMicroelectronics VNQ810M Datasheet HTML 2Page - STMicroelectronics VNQ810M Datasheet HTML 3Page - STMicroelectronics VNQ810M Datasheet HTML 4Page - STMicroelectronics VNQ810M Datasheet HTML 5Page - STMicroelectronics VNQ810M Datasheet HTML 6Page - STMicroelectronics VNQ810M Datasheet HTML 7Page - STMicroelectronics VNQ810M Datasheet HTML 8Page - STMicroelectronics VNQ810M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
M
®
July 2004
1/21
VNQ810M
QUAD CHANNEL HIGH SIDE DRIVER
s
CMOS COMPATIBLE INPUTS
s
OPEN DRAIN STATUS OUTPUTS
s
ON STATE OPEN LOAD DETECTION
s
OFF STATE OPEN LOAD DETECTION
s
SHORTED LOAD PROTECTION
s
UNDERVOLTAGE AND OVERVOLTAGE
SHUTDOWN
s
PROTECTION AGAINST LOSS OF GROUND
s
VERY LOW STAND-BY CURRENT
s
REVERSE BATTERY PROTECTION (**)
DESCRIPTION
The VNQ810M is a quad HSD formed by
assembling two VND810M chips in the same SO-
28 package. The VND810M is a monolithic device
made by using STMicroelectronics VIPower M0-3
Technology, intended for driving any kind of load
with one side connected to ground.
Active VCC pin voltage clamp protects the device
against low energy spikes (see ISO7637 transient
compatibility
table).
Active
current
limitation
combined with thermal shutdown and automatic
restart protects the device against overload. The
current limitation threshold is aimed at detecting
the 21W/12V standard bulb as an overload fault.
The device detects open load condition both in on
and off state . Output shorted to VCC is detected
in the off state. Device automatically turns off in
case of ground pin disconnection.
TYPE
RDS(on)
IOUT
VCC
VNQ810M
150 m
Ω (*)
0.6 A (*)
36 V
SO-28 (DOUBLE ISLAND)
ORDER CODES
PACKAGE
TUBE
T&R
SO-28
VNQ810M
VNQ810M13TR
(*) Per each channel
ABSOLUTE MAXIMUM RATING
(**) See application schematic at page 9
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
41
V
- VCC
Reverse DC Supply Voltage
-0.3
V
- Ignd
DC Reverse Ground Pin Current
-200
mA
IOUT
DC Output Current
Internally Limited
A
- IOUT
Reverse DC Output Current
-6
A
IIN
DC Input Current
+/- 10
mA
ISTAT
DC Status Current
+/- 10
mA
VESD
Electrostatic Discharge (Human Body Model: R=1.5K
Ω; C=100pF)
- INPUT
- STATUS
- OUTPUT
- VCC
4000
4000
5000
5000
V
V
V
V
EMAX
Maximum Switching Energy
(L=310mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=0.9A)
174
mJ
Ptot
Power dissipation (per island) at Tlead=25°C
6.25
W
Tj
Junction Operating Temperature
Internally Limited
°C
Tstg
Storage Temperature
-55 to 150
°C
Rev. 1


Similar Part No. - VNQ810M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ810M-E STMICROELECTRONICS-VNQ810M-E Datasheet
216Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
More results

Similar Description - VNQ810M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ810 STMICROELECTRONICS-VNQ810 Datasheet
316Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Jul-2004
VNQ830M STMICROELECTRONICS-VNQ830M Datasheet
315Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Jan-2003
VNQ860 STMICROELECTRONICS-VNQ860 Datasheet
221Kb / 10P
QUAD CHANNEL HIGH SIDE DRIVER
Jan-2003
VNQ690SP-E STMICROELECTRONICS-VNQ690SP-E Datasheet
187Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ860-E STMICROELECTRONICS-VNQ860-E Datasheet
288Kb / 15P
QUAD CHANNEL HIGH SIDE DRIVER
07-Nov-2005
VNQ600P-E STMICROELECTRONICS-VNQ600P-E Datasheet
220Kb / 20P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ810M-E STMICROELECTRONICS-VNQ810M-E Datasheet
216Kb / 21P
QUAD CHANNEL HIGH SIDE DRIVER
Oct-2004
VNQ860-E STMICROELECTRONICS-VNQ860-E_08 Datasheet
400Kb / 19P
Quad channel high side driver
07-Jul-2008
VNQ860TR-E STMICROELECTRONICS-VNQ860TR-E Datasheet
682Kb / 19P
Quad channel high-side driver
15-Mar-2013
VNQ500 STMICROELECTRONICS-VNQ500 Datasheet
239Kb / 24P
Quad channel high-side driver
September 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com