Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ810M Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNQ810M
Description  QUAD CHANNEL HIGH SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ810M Datasheet(HTML) 3 Page - STMicroelectronics

  VNQ810M Datasheet HTML 1Page - STMicroelectronics VNQ810M Datasheet HTML 2Page - STMicroelectronics VNQ810M Datasheet HTML 3Page - STMicroelectronics VNQ810M Datasheet HTML 4Page - STMicroelectronics VNQ810M Datasheet HTML 5Page - STMicroelectronics VNQ810M Datasheet HTML 6Page - STMicroelectronics VNQ810M Datasheet HTML 7Page - STMicroelectronics VNQ810M Datasheet HTML 8Page - STMicroelectronics VNQ810M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
VNQ810M
CONFIGURATION DIAGRAM (TOP VIEW) & SUGGESTED CONNECTIONS FOR UNUSED AND N.C.
CURRENT AND VOLTAGE CONVENTIONS
VCC1,2
GND 1,2
INPUT1
STATUS1
STATUS2
VCC1,2
VCC3,4
GND 3,4
INPUT3
STATUS3
VCC3,4
VCC3,4
OUTPUT4
OUTPUT4
OUTPUT4
OUTPUT3
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT1
VCC1,2
OUTPUT3
OUTPUT3
OUTPUT1
OUTPUT1
INPUT2
STATUS4
INPUT4
1
14
15
28
IS1,2
IGND1,2
OUTPUT3
VCC1,2
GND1,2
INPUT2
IOUT3
VCC1,2
VOUT4
OUTPUT2
IOUT2
VOUT3
INPUT1
IIN1
STATUS1
ISTAT1
OUTPUT1
IOUT1
OUTPUT4
IOUT4
VOUT2
VOUT1
IIN2
ISTAT2
ISTAT3
IIN4
ISTAT4
STATUS2
STATUS3
STATUS4
INPUT3
INPUT4
VSTAT4
VIN4
VSTAT3
VIN3
VSTAT2
IIN3
VIN2
VSTAT1
VIN1
IGND3,4
GND3,4
IS3,4
VCC3,4
VCC3,4
VF1 (*)
(*) VFn = VCCn - VOUTn during reverse battery condition
PINS
Connection / Pin
Status
N.C.
Output
Input
Floating
X
X
X
X
To Ground
X
Through 10K
Ω resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com