Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3108B Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATSAM3108B
Description  Audio Processing
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3108B Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATSAM3108B Datasheet HTML 9Page - ATMEL Corporation ATSAM3108B Datasheet HTML 10Page - ATMEL Corporation ATSAM3108B Datasheet HTML 11Page - ATMEL Corporation ATSAM3108B Datasheet HTML 12Page - ATMEL Corporation ATSAM3108B Datasheet HTML 13Page - ATMEL Corporation ATSAM3108B Datasheet HTML 14Page - ATMEL Corporation ATSAM3108B Datasheet HTML 15Page - ATMEL Corporation ATSAM3108B Datasheet HTML 16Page - ATMEL Corporation ATSAM3108B Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
6092C–DRMSD–12-Feb-07
ATSAM3108B
10. Peripherals and Timings
10.1
8-bit Slave Parallel Interface
The Slave Parallel Interface is typically used to connect the chip to a host processor.
Pins used: D7 - D0 (I/O), CS (Input), A0 (Input), WR (Input), RD (Input), IRQ (Output).
10.1.1
Timings
Figure 10-1. Host Interface Read Cycle
Figure 10-2. Host Interface Write Cycle
Table 10-1.
Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
AVCS
Address valid to chip select low
0
-
-
ns
tCSLRDL
Chip select low to RD low
5
-
-
ns
t
RDHCSH
RD high to CS high
5
-
-
ns
tPRD
RD pulse width
50
-
-
ns
tRDLDV
Data out valid from RD
-
-
20
ns
t
DRH
Data out hold from RD
5
-
10
ns
tCSLRWRL
Chip select low to WR low
5
-
-
ns
tWRHCSH
WR high to CS high
5
-
-
ns
A0
CS
RD
D0-D7
t AVCS
t CSLRDL
t PRD
t RDHCSH
t DRH
t RDLDV
A0
CS
RD
D0-D7
t AVCS
t CSLWRL
t PWR
t WRHCSH
t DWH
t DWS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com