Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3108B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM3108B
Description  Audio Processing
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3108B Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM3108B Datasheet HTML 1Page - ATMEL Corporation ATSAM3108B Datasheet HTML 2Page - ATMEL Corporation ATSAM3108B Datasheet HTML 3Page - ATMEL Corporation ATSAM3108B Datasheet HTML 4Page - ATMEL Corporation ATSAM3108B Datasheet HTML 5Page - ATMEL Corporation ATSAM3108B Datasheet HTML 6Page - ATMEL Corporation ATSAM3108B Datasheet HTML 7Page - ATMEL Corporation ATSAM3108B Datasheet HTML 8Page - ATMEL Corporation ATSAM3108B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
6092C–DRMSD–12-Feb-07
ATSAM3108B
2.
DSP Array Block Diagram
Figure 2-1.
ATSAM3108B DSP Array Block Diagram
3.
Functional Description
3.1
DSP Array
The ATSAM3108B includes eight on-chip DSPs.
Each DSP (P24) is built around a 2k x 24 RAM and a 1k x 24 ROM. The RAM contains both data
and P24 instructions, the ROM contains typical coefficients such as FFT cosines and windowing.
A P24 sends and receives audio samples through the Sync Bus. It can request external data
such as compressed audio through the Async Bus. Each P24 RAM can be accessed through
the Async Bus.
Each P24 is capable of typical MAC operation loops, including auto-indexing, bit reverse and
butterfly (multiplication of complex numbers). It also includes specialized audio instructions such
as state variable IIR filtering, envelope generation, linear interpolation and wavetable loop.
One P24 is sufficient for processing stereo reverb and chorus @48kHz or stereo sampling rate
conversion @96kHz.
ATSAM3108B
Sync Bus
Async Bus
Audio I/0
External I/O
I/Os,
Timers,
UARTs,
DataFlash,
Ports
Router
Final ACC
MIX
Audio OUT
Audio IN
16 bit Processor
(P16)
Embedded ROM
1k x 16
BIOS and Debug
MMU
DSP Array (8 P24 DSPs)
Embedded RAM
16k x 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com