Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2553 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATSAM2553
Description  Sound Synthesis
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2553 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATSAM2553 Datasheet HTML 9Page - ATMEL Corporation ATSAM2553 Datasheet HTML 10Page - ATMEL Corporation ATSAM2553 Datasheet HTML 11Page - ATMEL Corporation ATSAM2553 Datasheet HTML 12Page - ATMEL Corporation ATSAM2553 Datasheet HTML 13Page - ATMEL Corporation ATSAM2553 Datasheet HTML 14Page - ATMEL Corporation ATSAM2553 Datasheet HTML 15Page - ATMEL Corporation ATSAM2553 Datasheet HTML 16Page - ATMEL Corporation ATSAM2553 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
6399A–DRMSD–13-Oct-08
ATSAM2553
7.
Electrical Characteristics
7.1
Absolute Maximum Ratings(*)
All voltages with respect to 0V, GND = 0V.
Temperature under bias................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
Recommended Operating Conditions of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods
may affect device reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on any 5 volt tolerant pin .......................... -0.3 to 5.5V
Voltage on any non 5 volt tolerant pin ........ -0.3 to VD33 + 0.3V
Supply Voltage..........................................................................
VD33......................................................................-0.3V to 3.6V
VD18.........................................................................-0.3V to 2V
V
A33 ...................................................................... -0.3V to 3.6V
Maximum IOL per I/O pin............................................... 10 mA
Maximum IOH per I/O pin .............................................. 10 mA
Maximum Output current from OUTVC18 pin
(max duration = 1sec)
IREGO ........................................................................... 70 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com