Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2553 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM2553
Description  Sound Synthesis
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2553 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM2553 Datasheet HTML 1Page - ATMEL Corporation ATSAM2553 Datasheet HTML 2Page - ATMEL Corporation ATSAM2553 Datasheet HTML 3Page - ATMEL Corporation ATSAM2553 Datasheet HTML 4Page - ATMEL Corporation ATSAM2553 Datasheet HTML 5Page - ATMEL Corporation ATSAM2553 Datasheet HTML 6Page - ATMEL Corporation ATSAM2553 Datasheet HTML 7Page - ATMEL Corporation ATSAM2553 Datasheet HTML 8Page - ATMEL Corporation ATSAM2553 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
6399A–DRMSD–13-Oct-08
ATSAM2553
Figure 1-1.
Typical Application
2.
Main Features
The ATSAM2553 provides a new generation of integrated solutions for electronic musical instru-
ments. The ATSAM2553 includes all key circuitry into a single silicon chip: sound
synthesizer/processor, 16-bit control processor, interface with keyboards, switches, sliders,
LEDs, LCD display, etc.
The synthesis/sound processing core of the ATSAM2553 is taken from the SAM97xx series,
whose quality has already been demonstrated through dozens of different musical products:
E.Pianos, home keyboards, professional keyboards, classical organs, sound expanders. The
maximum polyphony is 64 voices without effects. A typical application will be 38-voice polyphony
with reverb, chorus, 4-band equalizer and surround.
The ATSAM2553 is directly compatible with most available musical keyboards. This includes
configuration options for spring or rubber type contacts, common anode or common cathode
type matrix. A 64 µs timing accuracy for velocity detection provides a very reliable dynamic
response even with low cost unweighted keyboards. The time between contacts is coded with
256 steps on a logarithmic time scale, then converted by software to a 128-step MIDI scale
according to the type of keyboard and a selected keyboard sensitivity.
The ATSAM2553 can handle directly up to 176 switches. Switches, organized in matrix form,
require only a serial diode. Up to 88 LEDs can be directly controlled by the ATSAM2553 in a
time multiplexed way. Additional LEDs can be connected through additional external shift regis-
ters using the GPIO lines (general purpose I/O) of the ATSAM2553. The built-in analog to digital
converter of the ATSAM2553 allows connecting continuous controllers like pitch-bend wheel,
modulation, volume sliders, tempo sliders, etc. Up to 16 sliders can be connected.
The ATSAM2553 can be directly connected to most LCD displays through an 8-bit dedicated
data bus and 3 control signals.
Configuration options allow the ATSAM2553 to cover a wide range of musical products, from the
lowest cost keyboard to the high range digital piano, thanks to flexible memory and I/O organiza-
tion: built-in 64K bytes RAM, up to 64M bytes external memory for firmware, orchestrations and
PCM data. The external memory can be ROM, RAM or FLASH. Memory types can be mixed,
but for most applications there is no need for external RAM memory as the built-in 64K bytes
ATSAM2553
DAC
• Keyboards
• Switches
• Leds
• LCD display
• Sliders
• Midi in/out
ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com