Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP3217BAX Datasheet(PDF) 1 Page - FIDELIX

Part # FMP3217BAX
Description  2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP3217BAX Datasheet(HTML) 1 Page - FIDELIX

  FMP3217BAX Datasheet HTML 1Page - FIDELIX FMP3217BAX Datasheet HTML 2Page - FIDELIX FMP3217BAX Datasheet HTML 3Page - FIDELIX FMP3217BAX Datasheet HTML 4Page - FIDELIX FMP3217BAX Datasheet HTML 5Page - FIDELIX FMP3217BAX Datasheet HTML 6Page - FIDELIX FMP3217BAX Datasheet HTML 7Page - FIDELIX FMP3217BAX Datasheet HTML 8Page - FIDELIX FMP3217BAX Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FMP3217BAx
CMOS LPRAM
Revision 0.3
Feb. 2007
1
Document Title
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Revision History
Jun.01st ,2006
Revised P/N according to the new P/N system
0.2
Feb. 2nd , 2007
Revised ISB1 to 120uA
0.3
Preliminary
Nov.10th ,2005
Added G(Pb-Free) and H(Pb-Free & Halogen Free) descriptions
Added Operating Temperature descriptions
0.1
Preliminary
Sep.16th, 2005
Initial Draft
0.0
Remark
Draft date
History
Revision
No.


Similar Part No. - FMP3217BAX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP3217BA0 FIDELIX-FMP3217BA0 Datasheet
140Kb / 10P
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-FXXX FIDELIX-FMP3217BA0-FXXX Datasheet
140Kb / 10P
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-GXXX FIDELIX-FMP3217BA0-GXXX Datasheet
140Kb / 10P
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-H60E FIDELIX-FMP3217BA0-H60E Datasheet
140Kb / 10P
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-H70E FIDELIX-FMP3217BA0-H70E Datasheet
140Kb / 10P
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - FMP3217BAX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AAX-E FIDELIX-CMP0417AAX-E Datasheet
215Kb / 12P
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA0-I FIDELIX-CMP0817BA0-I Datasheet
192Kb / 10P
512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0 FIDELIX-FMP3217BA0 Datasheet
140Kb / 10P
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1216ACX FIDELIX-FMP1216ACX Datasheet
206Kb / 12P
8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3216DAX FIDELIX-FMP3216DAX Datasheet
198Kb / 11P
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com