Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP3217BAX Datasheet(PDF) 11 Page - FIDELIX

Part # FMP3217BAX
Description  2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP3217BAX Datasheet(HTML) 11 Page - FIDELIX

Back Button FMP3217BAX Datasheet HTML 4Page - FIDELIX FMP3217BAX Datasheet HTML 5Page - FIDELIX FMP3217BAX Datasheet HTML 6Page - FIDELIX FMP3217BAX Datasheet HTML 7Page - FIDELIX FMP3217BAX Datasheet HTML 8Page - FIDELIX FMP3217BAX Datasheet HTML 9Page - FIDELIX FMP3217BAX Datasheet HTML 10Page - FIDELIX FMP3217BAX Datasheet HTML 11Page - FIDELIX FMP3217BAX Datasheet HTML 12Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
FMP3217BAx
CMOS LPRAM
Revision 0.3
Feb. 2007
11
16Mb
1Mbx16
100000h-1FFFFFh
1/2
10
1
8Mb
512Kbx16
180000h-1FFFFFh
1/4
11
1
32Mb
2Mbx16
000000h-1FFFFFh
Full
00
X
16Mb
1Mbx16
000000h-0FFFFFh
1/2
10
0
8Mb
512Kbx16
000000h-07FFFFh
1/4
11
0
Density
Size
Address
Refresh Section
A1,A0
A2
Partial Array Refresh Mode (A3=0, A4=1)
Reduced Memory Size Mode (A3=1, A4=1)
3. Deep Power Down Mode Entry/Exit
4. Address Information
tZZmin
tR
A4
/CS
/UB, /LB
/WE
tWC
tWR(4
)
tBW
tWP(1)
tCW(2
)
tAS(3)
tAW
/ZZ
tZZWE
Register
Write(DPD)
Deep Power
down start
Deep Power
down exit
Next
Cycle
16Mb
1Mbx16
100000h-1FFFFFh
1/2
10
1
8Mb
512Kbx16
180000h-1FFFFFh
1/4
11
1
16Mb
1Mbx16
000000h-0FFFFFh
1/2
10
0
8Mb
512Kbx16
000000h-07FFFFh
1/4
11
0
Density
Size
Address
Refresh Section
A1,A0
A2
us
-
10
Low Power Mode Time
tZZmin
us
-
200
Operation Recovery Time
tR(Deep Power Down Mode only)
us
1
0
ZZ low to Write Enable Low
tZZWE
Units
Max
Min
Description
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com