Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08T240FAST Datasheet(PDF) 13 Page - Texas Instruments

Part # PTH08T240FAST
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAST Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH08T240FAST Datasheet HTML 9Page - Texas Instruments PTH08T240FAST Datasheet HTML 10Page - Texas Instruments PTH08T240FAST Datasheet HTML 11Page - Texas Instruments PTH08T240FAST Datasheet HTML 12Page - Texas Instruments PTH08T240FAST Datasheet HTML 13Page - Texas Instruments PTH08T240FAST Datasheet HTML 14Page - Texas Instruments PTH08T240FAST Datasheet HTML 15Page - Texas Instruments PTH08T240FAST Datasheet HTML 16Page - Texas Instruments PTH08T240FAST Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
PTH08T240F
www.ti.com........................................................................................................................................ SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008
Table 3. Input/Output Capacitors(1)
Capacitor Characteristics
Quantity
Max
Output Bus
Max
Ripple
Capacitor Vendor,
Working
ESR
Value
Current
Physical
Input
Type Series (Style)
Voltage
at 100
Vendor Part No.
TurboTrans
(µF)
at 85°C
Size (mm)
Bus
(V)
kHz
Cap Type(2)
(Irms)
(m
Ω)
(mA)
Panasonic
FC (Radial)
25
270
90
755
10 × 12,5
≥1(3)
N/R(4)
EEUFC1E271
FC (Radial)
25
560
65
1205
12,5 × 15
≥1(3)
N/R(4)
EEUFC1E561S
FC(SMD)
25
470
65
1200
12,5 × 16,5
≥1(3)
N/R(4)
EEVFC1E471LQ
FK(SMD)
25
470
80
850
10 ×10,2
≥1(3)
N/R(4)
EEVFK1E471P
United Chemi-Con
PTB(SMD) Poly-Tantalum
6.3
330
25
2600
7,3x4,3x2.8
N/R(5)
C
≥ 3(2)
4PTB337MD6TER
LXZ, Aluminum (Radial)
25
330
90
760
10 × 12,5
≥1(3)
N/R(4)
LXZ25VB331M10X12LL
PS, Poly-Alum(Radial)
16
330
14
5060
10 × 12,5
≥1(3)
B
≥ 3(2)
16PS330MJ12
PXA, Poly-Alum(SMD)
16
330
14
5050
10 × 12,2
≥1(3)
B
≥ 3(2)
PXA16VC331MJ12TP
PS, Poly-Alum(Radial)
10
270
14
4420
8 × 11,5
≥1(3)
B
≥ 4(2)
10PS270MH11
PXA, Poly-Alum(Radial)
10
330
14
4420
8 × 12
≥1(3)
B
≥ 3(2)
PXA10VC331MH12
Nichicon, Aluminum
HD (Radial)
25
220
72
760
8 × 11,5
≥1(3)
N/R(4)
UHD1E221MPR
PM (Radial)
25
330
95
750
10 × 15
≥1(3)
N/R(4)
UPM1E331MPH6
PM (Radial)
35
560
48
1360
16 × 15
≥1(3)
N/R(4)
UPM1V561MHH6
Panasonic, Poly-Aluminum
2.0
390
5
4000
7,3×4,3×4,2
N/R(5)
B
≥ 3(2)
EEFSE0J391R (VO≤ 1.6V)
(6)
Sanyo
TPE, Poscap (SMD)
10
330
25
3000
7,3 × 4,3
≥1(3)
C
≥ 3(2)
10TPE330MF (VI ≤ 8V)
TPE Poscap(SMD)
2.5
470
7
4400
7,3 × 4,3
N/R(5)
B
≥ 2(2)
2R5TPE470M7
TPD Poscap (SMD)
2.5
1000
5
6100
7,3 × 4,3
N/R(5)
B
≥ 1(2)
2R5TPD1000M5
SEP, OS-CON (Radial)
16
330
16
4700
10 ×13
≥1(3)
B
≥ 3(2)
16SEP330M
SP OS-CON ( Radial)
16
270
18
4400
10 × 11,5
≥1(3)
B
≥ 4(2)
16SP270M
SEPC, OS-CON (Radial)
16
270
11
5000
8 × 13
≥1(3)
B
≥ 4(2)
16SEPC270M
SVP, OS-CON (SMD)
16
330
16
4700
10 × 12,6
≥1(3)
B
≥ 3(2)(7)
16SVP330M
(1)
Capacitor Supplier Verification
Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products.
RoHS, Lead-free and Material Details
See the capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process requirements.
Component designators or part number deviations can occur when material composition or soldering requirements are updated.
(2)
Required capacitors with TurboTrans. See the TurboTrans Application information for Capacitor Selection
Capacitor Types:
a. Type B = (1,000 < capacitance × ESR
≤ 5,000)
b. Type C = (5,000 < capacitance × ESR
≤ 10,000)
(3)
In addition to the required input electrolytic capacitance,
≥ 22
µF of ceramic capacitance is recommended to reduce the high-frequency
reflected ripple current.
(4)
Aluminum Electrolytic capacitor not recommended for the TurboTrans due to higher capacitance × ESR products. Aluminum and higher
ESR capacitors can be used in conjunction with lower ESR capacitance.
(5)
N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
(6)
The voltage rating of this capacitor only allows it to be used for output voltage that is equal to or less than 80% of the working voltage.
(7)
Total bulk nonceramic capacitors on the output bus with ESR of
≥ 15mΩ to ≤ 30mΩ requires an additional ≥ 200
µF of ceramic
capacitance.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com