Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08T240FAST Datasheet(PDF) 26 Page - Texas Instruments

Part # PTH08T240FAST
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAST Datasheet(HTML) 26 Page - Texas Instruments

Back Button PTH08T240FAST Datasheet HTML 22Page - Texas Instruments PTH08T240FAST Datasheet HTML 23Page - Texas Instruments PTH08T240FAST Datasheet HTML 24Page - Texas Instruments PTH08T240FAST Datasheet HTML 25Page - Texas Instruments PTH08T240FAST Datasheet HTML 26Page - Texas Instruments PTH08T240FAST Datasheet HTML 27Page - Texas Instruments PTH08T240FAST Datasheet HTML 28Page - Texas Instruments PTH08T240FAST Datasheet HTML 29Page - Texas Instruments PTH08T240FAST Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
250
240
300
325
350
0.7
1.1
1.3
1.7
2.1
5
7
9
13
11
15
V
O - Output Voltage - V
0.9
1.5
1.9
6
8
10
14
12
275
375
400
f
SW (kHz)
250
275
300
325
350
375
400
240
Auto-Track™ Function
How Auto-Track™ Works
PTH08T240F
SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
To achieve the output voltage ripple specified in the electrical characteristics table, the maximum input voltage
for a given output voltage is limited. The input voltage to output voltage ratio limit is 11 to 1 for the PTH08T240F.
However, when using SmartSync, the maximum allowable input voltage varies as a function of output voltage
and switching frequency. Operationally, the maximum input voltage is inversely proportional to switching
frequency. Synchronizing to a higher frequency causes greater restrictions on the input voltage range. For a
given switching frequency, Figure 30 shows how the recommended maximum input voltage varies with output
voltage.
For example, a module operating at 375 kHz and an output voltage of 0.9 V, the maximum input voltage is 8 V.
Exceeding the maximum input voltage may cause in an increase in output ripple voltage and increased output
voltage variation.
As shown in Figure 30, input voltages below 6 V can operate down to the minimum output voltage over the entire
synchronization frequency range. See the Electrical Characteristics table for the synchronization frequency range
and pulse limits.
RECOMMENDED INPUT VOLTAGE
vs
OUTPUT VOLTAGE
Figure 30.
The Auto-Track function is unique to the PTH/PTV family, and is available with all POLA products. Auto-Track
was designed to simplify the amount of circuitry required to make the output voltage from each module power up
and power down in sequence. The sequencing of two or more supply voltages during power up is a common
requirement for complex mixed-signal applications that use dual-voltage VLSI devices such as the TMS320™
DSP family, microprocessors, and ASICs.
Auto-Track works by forcing the module output voltage to follow a voltage presented at the Track control pin (1).
This control range is limited to between 0 V and the module set-point voltage. Once the track-pin voltage is
raised above the set-point voltage, the module output remains at its set-point (2). As an example, if the Track pin
of a 1.5-V regulator is at 1 V, the regulated output is 1 V. If the voltage at the Track pin rises to 3 V, the regulated
output does not go higher than 1.5 V.
26
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com