Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72371 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST72371
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72371 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST72371 Datasheet HTML 64Page - STMicroelectronics ST72371 Datasheet HTML 65Page - STMicroelectronics ST72371 Datasheet HTML 66Page - STMicroelectronics ST72371 Datasheet HTML 67Page - STMicroelectronics ST72371 Datasheet HTML 68Page - STMicroelectronics ST72371 Datasheet HTML 69Page - STMicroelectronics ST72371 Datasheet HTML 70Page - STMicroelectronics ST72371 Datasheet HTML 71Page - STMicroelectronics ST72371 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 94 page
background image
68/94
ST72371/ST72372
PWM/BRM GENERATOR (Cont’d)
PWM/BRM Outputs
The PWM/BRM outputs are assigned to dedicated
pins.
In these pins, the PWM/BRM outputs are connect-
ed to a serial resistor which must be taken into ac-
count to calculate the RC filter (seeFigure 2).
In any case, the RC filter time must be higher than
TCPUx64.
Figure 28. Typical PWM Output Filter
Table 18. 6-Bit PWM Ripple After Filtering
With RC filter (R=1kW),
fCPU =8 MHz
VDD =5V
PWM Duty Cycle 50%
R=Rint+Rext (Rext is optional).
Note: After a reset these pins are tied low by de-
fault and are not in a high impedance state.
Figure 29. PWM Simplified Voltage Output After Filtering
1K (max)
Cext
OUTPUT
VOLTAGE
STAGE
Rint
OUTPUT
Rext
Cext (µF)
V RIPPLE (mV)
0.128
78
1.28
7.8
12.8
0.78
V DD
0V
0V
DD
V
Vripple (mV)
VOUTAVG
”CHARGE”
”DISCHARGE”
”CHARGE”
”DISCHARGE”
0V
V
V
0V
OUTAVG
V
(mV)
ripple
V
VR01956
”CHARGE”
”DISCHARGE”
”CHARGE”
”DISCHARGE”
PWMOUT
DD
DD
PWMOUT
OUTPUT
VOLTAGE
OUTPUT
VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com