Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72371 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST72371
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72371 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST72371 Datasheet HTML 81Page - STMicroelectronics ST72371 Datasheet HTML 82Page - STMicroelectronics ST72371 Datasheet HTML 83Page - STMicroelectronics ST72371 Datasheet HTML 84Page - STMicroelectronics ST72371 Datasheet HTML 85Page - STMicroelectronics ST72371 Datasheet HTML 86Page - STMicroelectronics ST72371 Datasheet HTML 87Page - STMicroelectronics ST72371 Datasheet HTML 88Page - STMicroelectronics ST72371 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
85/94
ST72371/ST72372
6.3 DC ELECTRICAL CHARACTERISTICS
(TA = 0 to +70°C unless otherwise specified)
Notes:
1. Hysteresis voltage between switching levels
2. CPU running with memory access.
3. All peripherals in stand-by
6.4 A/D CONVERTER CHARACTERISTICS
(TA = 0 to +70°C unless otherwise specified)
Note: Noise at AVDD,AVSS <10mV
Symbol
Parameter
Test Cond itions
Value
Unit
Min.
Typ.
Max.
VIL
Input Low Level Voltage
All Input pins
VDD x 0.3
V
VIH
Input High Level Voltage
All Input pins
VDD x 0.7
V
VHYS
Hysteresis Voltage 1)
All Input pins
VDD = 5V
TBD
V
VOL
Low Level Output Voltage
All Output pins
VDD = 5.0V; IOL = +10µA
VDD = 5.0V; IOL = + 1.6mA
0.1
0.4
V
Low Level Output Voltage
High Sink I/O pins
VDD = 5.0V; IOL = +10µA
VDD = 5.0V; IOL = +1.6mA
VDD = 5.0V; IOL = +10mA
0.1
0.4
1.5
VOH
High Level Output Voltage
All Output pins
VDD= 5.0V; IOL =-10µA
VDD= 5.0V; IOL = 1.6mA
4.9
4
V
IIL
IIH
Input Leakage Current
All Input pins but RESET
VIN =VSS (No Pull-Up configured)
VIN =VDD
0.1
10
µA
Input Leakage Current
RESET pin
VIN =VSS
VIN =VDD
-50
10
IDD
Supply Current in
RUN Mode 2)
VDD = 5.0V
fOSC =12 MHz, fCPU = 4 MHz
fOSC =24 MHz, fCPU = 8 MHz
TBD
14
TBD
18
mA
Supply Current in SLOW
Mode 3)
VDD = 5.0V
fOSC =12 MHz, fCPU = 2 MHz
fOSC =24 MHz, fCPU = 4 MHz
TBD
mA
Supply Current in WAIT
Mode 3)
VDD = 5.0V
fOSC =12 MHz, fCPU = 4 MHz
fOSC =24 MHz, fCPU = 8 MHz
TBD
12
TBD
18
mA
Supply Current in HALT
Mode
ILOAD = 0mA
VDD = 5.0V
250
500
µA
Symbol
Parameter
Test Condit ions
Value
Unit
Min.
Typ.
Max.
Res
Resolution
8
Bit
DLE
ILE
Differential linearity error
Integral linearity error
fOSC = 24 MHz
±0.3
±0.5
±1
LSB
tC
Conversion Time
fCPU = 8 MHz
8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com