Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF231 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT86RF231
Description  Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT86RF231 Datasheet HTML 1Page - ATMEL Corporation AT86RF231 Datasheet HTML 2Page - ATMEL Corporation AT86RF231 Datasheet HTML 3Page - ATMEL Corporation AT86RF231 Datasheet HTML 4Page - ATMEL Corporation AT86RF231 Datasheet HTML 5Page - ATMEL Corporation AT86RF231 Datasheet HTML 6Page - ATMEL Corporation AT86RF231 Datasheet HTML 7Page - ATMEL Corporation AT86RF231 Datasheet HTML 8Page - ATMEL Corporation AT86RF231 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 180 page
background image
2
8111A–AVR–05/08
AT86RF231
1.
Pin-out Diagram
Figure 1-1.
AT86RF231 Pin-out Diagram
Note:
The exposed paddle is electrically connected to the die inside the package. It shall be soldered to
the board to ensure electrical and thermal contact and good mechanical stability.
32
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AT86RF231
CL K M
D VSS
DIG 3
DIG 4
AVSS
AVSS
RFP
RFN
D VSS
/R S T
SC L K
MIS O
D VSS
MO S I
/SEL
IR Q
31 30 29 28 27 26 25
9 10111213141516
AVSS
exposed paddle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com