Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF231 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT86RF231
Description  Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT86RF231 Datasheet HTML 17Page - ATMEL Corporation AT86RF231 Datasheet HTML 18Page - ATMEL Corporation AT86RF231 Datasheet HTML 19Page - ATMEL Corporation AT86RF231 Datasheet HTML 20Page - ATMEL Corporation AT86RF231 Datasheet HTML 21Page - ATMEL Corporation AT86RF231 Datasheet HTML 22Page - ATMEL Corporation AT86RF231 Datasheet HTML 23Page - ATMEL Corporation AT86RF231 Datasheet HTML 24Page - ATMEL Corporation AT86RF231 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 180 page
background image
21
8111A–AVR–05/08
AT86RF231
Note, the Frame Buffer read access can be terminated at any time without any consequences by
setting /SEL = H, e.g. after reading the PHR byte only.
On Frame Buffer write access the second byte transferred on MOSI contains the frame length
(PHR field) followed by the payload data (PSDU) as shown by Figure 6-8 on page 21.
Figure 6-8.
Packet Structure - Frame Write Access
The number of bytes n for one frame access is calculated as follows:
The maximum value of frame_length is 127 bytes. That means that n
≤ 130 for Frame Buffer
read and n
≤ 129 for Frame Buffer write accesses.
Each read or write of a data byte increments automatically the address counter of the Frame
Buffer until the access is terminated by setting /SEL = H. A Frame Buffer read access may be
terminated (/SEL = H) at any time without affecting the Frame Buffer content. Another Frame
Buffer read operation starts again at the PHR field.
The content of the Frame Buffer is only overwritten by a new received frame or a Frame Buffer
write access.
Figure 6-9 on page 21 and Figure 6-10 on page 22 illustrate an example SPI sequence of a
Frame Buffer access to read and write a frame with 4-byte PSDU respectively.
Figure 6-9.
Example SPI Sequence - Frame Buffer Read of a Frame with 4-byte PSDU
0
reserved[5:0]
1
MOSI
PHY_STATUS
MISO
byte 1 (command byte)
1
PHR[7:0]
XX
byte 2 (data byte)
PSDU[7:0]
XX
byte 3 (data byte)
PSDU[7:0]
XX
byte n-1 (data byte)
PSDU[7:0]
XX
byte n (data byte)
• Read Access:
n = 3 + frame_length
[PHY_STATUS, PHR byte, PSDU data, and LQI byte]
• Write Access:
n = 2 + frame_length
[command byte, PHR byte, and PSDU data]
COMMAND
XX
XX
XX
XX
XX
PHY_STATUS
PHR
PSDU 2
PSDU 1
PSDU 4
PSDU 3
XX
LQI
SCLK
MOSI
MISO
/SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com