Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0205MN2BL2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # X0205MN2BL2
Description  1.25A SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0205MN2BL2 Datasheet(HTML) 4 Page - STMicroelectronics

  X0205MN2BL2 Datasheet HTML 1Page - STMicroelectronics X0205MN2BL2 Datasheet HTML 2Page - STMicroelectronics X0205MN2BL2 Datasheet HTML 3Page - STMicroelectronics X0205MN2BL2 Datasheet HTML 4Page - STMicroelectronics X0205MN2BL2 Datasheet HTML 5Page - STMicroelectronics X0205MN2BL2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
X02 Series
4/6
Fig. 2-2: Average and D.C. on-state current
versus ambient temperature (device mounted on
FR4 with recommended pad layout) (SOT-223/
TO-92).
Fig. 3: Relative variation of thermal impedance
junction
to
ambient
versus
pulse
duration
(SOT-223/TO-92).
Fig. 4: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values).
Fig. 5: Relative variation of holding current
versus gate-cathode resistance (typical values).
Fig. 6:
Relative variation of dV/dt immunity
versus gate-cathode resistance (typical values).
Fig. 7: Relative variation of dV/dt immunity
versus gate-cathode capacitance (typical values).
SOT-223
SOT-223
TO-92
TO-92
IT(av)(A)
025
50
75
100
125
0.8
1.4
1.2
1.0
0.6
0.4
0.2
0.0
Tamb(°C)
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K = [Zth(j-a)/Rth(j-a)]
tp(s)
SOT-223
TO-92
Ω
IGT, IH, IL[Tj]/IGT, IH, IL[Tj] = 25°C]
1.50
1.25
1.00
0.75
0.50
0.25
0.00
-40
-20
0
20
40
60
80
100
120 140
Tj(°C)
1E-2
1E-1
1E+0
1E+1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IH[Rgk] / IH[Rgk = 1 k
Ω]
Tj = 25°C
Rgk(k
Ω)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
Tj = 125°C
VD = 0.67xVDRM
dV/dt[Rgk]/dV/dt [Rgk=1k
Ω]
Rgk(k
Ω)
dV/dt[Cgk] / dV/dt[Rgk = 1k ]
Ω
20
18
16
14
12
10
8
6
4
2
0
0
24
68
10
12
14
16
18
20
22
Cgk(nF)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com