Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0205MN2BL2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # X0205MN2BL2
Description  1.25A SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0205MN2BL2 Datasheet(HTML) 5 Page - STMicroelectronics

  X0205MN2BL2 Datasheet HTML 1Page - STMicroelectronics X0205MN2BL2 Datasheet HTML 2Page - STMicroelectronics X0205MN2BL2 Datasheet HTML 3Page - STMicroelectronics X0205MN2BL2 Datasheet HTML 4Page - STMicroelectronics X0205MN2BL2 Datasheet HTML 5Page - STMicroelectronics X0205MN2BL2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
X02 Series
5/6
Fig. 8: Surge peak on-state current versus
number of cycles.
Fig. 9:
Non-repetitive surge
peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10 ms, and corresponding value of I²t.
Fig. 10:
On-state
characteristics (maximum
values).
Fig. 11: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness: 35
µm)
(SOT-223).
1
10
100
1000
0
5
10
15
20
25
ITSM(A)
Nonrepetitive
Tjinitial=25°C
Repetitive
Tamb=25°C
Onecycle
tp=10ms
Number of cycles
ITSM(A), I t(A S)
22
1.00
10.00
0.10
0.01
300
100
10
1
tp(ms)
ITM(A)
VTM(V)
3E+1
1E+1
1E+0
1E-1
2.0
2.5
3.0
3.5
4.0
4.5
1.5
1.0
0.5
Rth(j-a) (°C/W)
S(cm )
2
4.0
4.5
5.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
130
120
110
100
90
80
70
60
50
40
30
20
10
0
PACKAGE MECHANICAL DATA
TO-92 (Plastic)
D
F
a
E
B
A
C
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
0.053
B
4.70
0.185
C
2.54
0.100
D
4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.50
0.019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com