Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT391 Datasheet(PDF) 1 Page - Suntac Electronic Corp.

Part # OT391
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

OT391 Datasheet(HTML) 1 Page - Suntac Electronic Corp.

  OT391 Datasheet HTML 1Page - Suntac Electronic Corp. OT391 Datasheet HTML 2Page - Suntac Electronic Corp. OT391 Datasheet HTML 3Page - Suntac Electronic Corp. OT391 Datasheet HTML 4Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2000
December, 2000 – Rev. 0
1
Publication Order Number:
NCR169D/D
NCR169D
Advance Information
General Purpose
Sensitive Gate
Silicon Controlled Rectifier
Reverse Blocking Thyristor
PNPN device designed for line-powered general purpose
applications such as relay and lamp drivers, small motor controls, gate
drivers for larger thyristors, and sensing and detection circuits.
Supplied in a cost effective plastic TO-92 package.
• Sensitive Gate Allows Direct Triggering by Microcontrollers and
Other Logic Circuits
• On–State Current Rating of 0.8 Amperes RMS at 80°C
• Surge Current Capability – 10 Amperes
• Immunity to dV/dt – 20 V/µsec Minimum at 110°C
• Glass-Passivated Surface for Reliability and Uniformity
• Blocking Voltage to 600 Volts
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off–State Voltage (Note 1.)
(TJ = *40 to 110°C, Sine Wave, 50 to
60 Hz; Gate Open)
VDRM,
VRRM
600
Volts
On-State RMS Current
(TC = 80°C) 180° Conduction Angles
IT(RMS)
0.8
Amp
Peak Non-Repetitive Surge Current
(1/2 Cycle, Sine Wave, 60 Hz,
TJ = 25°C)
ITSM
10
Amps
Circuit Fusing Consideration (t = 10 ms)
I2t
0.415
A2s
Forward Peak Gate Power
(TA = 25°C, Pulse Width v 1.0
µs)
PGM
0.1
Watt
Forward Average Gate Power
(TA = 25°C, t = 20 ms)
PG(AV)
0.
10
Watt
Forward Peak Gate Current
(TA = 25°C, Pulse Width v 1.0
µs)
IGM
1.
0
Amp
Reverse Peak Gate Voltage
(TA = 25°C, Pulse Width v 1.0
µs)
VGRM
5.0
Volts
Operating Junction Temperature Range
@ Rate VRRM and VDRM
TJ
–40 to
110
°C
Storage Temperature Range
Tstg
–40 to
150
°C
SCR
0.8 AMPERES RMS
600 VOLTS
4
(1) VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for zero or negative gate voltage; however, positive gate voltage shall
not be applied concurrent with negative potential on the anode. Blocking
voltages shall not be tested with a constant source such that the voltage
ratings of the devices are exceeded.
A
STC OT391
TO−92 (TO−226)
CASE 029
STYLE 10
3
2
1
PIN ASSIGNMENT
1
2
3
Gate
Anode
Cathode
K
G
A


Similar Part No. - OT391

ManufacturerPart #DatasheetDescription
logo
ABB
OT30F ABB-OT30F Datasheet
17Mb / 192P
Switch-disconnectors High performance, compact solution
logo
List of Unclassifed Man...
OT30F3 ETC2-OT30F3 Datasheet
735Kb / 8P
Disconnect switches Non-fusible Fusible
logo
ABB
OT30F3 ABB-OT30F3 Datasheet
70Kb / 2P
OT30F3 switch-disconnector
OT30F3 ABB-OT30F3 Datasheet
17Mb / 192P
Switch-disconnectors High performance, compact solution
OT30F4N2 ABB-OT30F4N2 Datasheet
17Mb / 192P
Switch-disconnectors High performance, compact solution
More results

Similar Description - OT391

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5426 NTE-NTE5426 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR) Sensitive Gate
logo
ON Semiconductor
NCR169D ONSEMI-NCR169D Datasheet
67Kb / 8P
General Purpose Sensitive Gate Silicon Controlled Rectifier
December, 2000 ??Rev. 0
logo
Suntac Electronic Corp.
MCR100-8 SUNTAC-MCR100-8 Datasheet
135Kb / 4P
SENSITIVE GATE SILICON CONTROLLED RECTIFIER
CR02AM SUNTAC-CR02AM Datasheet
85Kb / 4P
Sensitive Gate Silicon controlled Rectifier
CR03AM SUNTAC-CR03AM Datasheet
128Kb / 4P
Sensitive Gate Silicon Controlled Rectifier
X0105DN SUNTAC-X0105DN Datasheet
148Kb / 4P
Sensitive Gate Silicon Controlled Rectifier
X0205MN SUNTAC-X0205MN Datasheet
82Kb / 4P
Sensitive Gate Silicon Controlled Rectifier
logo
SHANTOU HUASHAN ELECTRO...
HC106D HUASHAN-HC106D Datasheet
184Kb / 3P
Sensitive Gate Silicon Controlled Rectifier
logo
SemiHow Co.,Ltd.
HSC106D SEMIHOW-HSC106D Datasheet
216Kb / 4P
Sensitive Gate Silicon Controlled Rectifier
HSC106DM SEMIHOW-HSC106DM Datasheet
246Kb / 4P
Sensitive Gate Silicon Controlled Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com