Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT391 Datasheet(PDF) 2 Page - Suntac Electronic Corp.

Part # OT391
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

OT391 Datasheet(HTML) 2 Page - Suntac Electronic Corp.

  OT391 Datasheet HTML 1Page - Suntac Electronic Corp. OT391 Datasheet HTML 2Page - Suntac Electronic Corp. OT391 Datasheet HTML 3Page - Suntac Electronic Corp. OT391 Datasheet HTML 4Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OT391
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance – Junction to Case
– Junction to Ambient
RθJC
RθJA
75
200
°C/W
Lead Solder Temperature
(
t1/16″ from case, 10 secs max)
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or
Reverse Blocking Current (Note 1.)
TC = 25°C
(VD = Rated VDRM and VRRM; RGK = 1.0 kΩ)TC = 110°C
IDRM, IRRM
–
–
–
–
10
0.1
µA
mA
ON CHARACTERISTICS
Peak Forward On–State Voltage(*)
(ITM = 1.0 Amp Peak @ TA = 25°C)
VTM
–
–
1.3
Volts
Gate Trigger Current (Continuous dc) (Note 2.)
TC = 25°C
(VAK = 12 V, RL = 100 Ohms)
IGT
–
6
8
µA
Holding Current (Note 2.)
TC = 25°C
(VAK = 12 V, IGT = 0.5 mA)
TC = –40°C
IH
–
–
0.5
–
5.0
10
mA
Latch Current
TC = 25°C
(VAK = 12 V, IGT = 0.5 mA, RGK = 1.0 k)
TC = –40°C
IL
–
–
0.6
–
10
15
mA
Gate Trigger Voltage (Continuous dc) (Note 2.)
TC = 25°C
(VAK = 12 V, RL = 100 Ohms, IGT = 10 mA)
TC = –40°C
VGT
–
–
0.5
–
0.52
1.2
Volts
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off–State Voltage
(VD = Rated VDRM, Exponential Waveform, RGK = 1000 Ohms,
TJ = 110°C)
dV/dt
20
35
–
V/
µs
Critical Rate of Rise of On–State Current
(IPK = 20 A; Pw = 10 µsec; diG/dt = 1.0 A/µsec, Igt = 20 mA)
di/dt
–
–
50
A/
µs
*Indicates Pulse Test: Pulse Width
≤ 1.0 ms, Duty Cycle ≤ 1%.
1. RGK = 1000 Ohms included in measurement.
2. Does not include RGK in measurement.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com