Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPHA554 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # FPHA554
Description  SURFACE MOUNT 5.0V PECL CLOCK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FPHA554 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  FPHA554 Datasheet HTML 1Page - Connor-Winfield Corporation FPHA554 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
HTTP://WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
EC213
01/26/05
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
FPHA554 is a fixed frequency
surface mount Crystal
Controlled Oscillator (XO)
designed for applications
requiring low jitter and tight
frequency stability. Operating
at 5.0V supply voltage, the
FPHA554 provides PECL
Differential Outputs with an
enable/disable function.
1
2
FPHA554 - 155.52MHz
ECL
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
5.0V OPERATION
LOW JITTER <1ps RMS
OVERALL FREQUENCY TOLERANCE:
±15ppm
TEMPERATURE RANGE: 0 to 70°C
PECL DIFFERENTIAL OUTPUTS
ENABLE / DISABLE
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
SURFACE MOUNT 5.0V PECL CLOCK
FPHA554
00
CW 0503
FPHA554
155.52M
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAME TER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
44.736
-
200
MHz
Total Frequency Tolerance
-15
15
ppm
1
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
4.75
5.0
5.25
Vdc
Supply Current
(Icc)
-
-
70
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
pS RMS
Jitter (BW=12kHz to 20MHz)
-
-
1
pS RMS
SSB Phase Noise at 10Hz offset
-
-60
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-90
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-100
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-135
-
dBc/Hz
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Disable Input Voltage (High)
(Vih)
3.96
-
-
Vdc
2
Enable Input Voltage (Low)
(Vil)
-
-
3.40
Vdc
2
PECL OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
3
Voltage
(High)
(Voh)
3.96
-
-
Vdc
(Low)
(Vol)
-
-
3.40
Vdc
Duty Cycle
45
50
55
%
4
Rise / Fall Time 20% to 80%
-
-
1
nS
PROCESS RECOMMENDATIONS
TABLE 6.0
Solder Reflow
The component solder used internal to this device has a melting point of
221°C. The peak temperature inside the device should be less than or
equal to 220°C for a maximum of 10 seconds
Wash
Ultrasonic cleaning is not recommended.
Notes
1)
Includes initial tolerance, deviation over t emperature, supply and load variations, shock, vibrati on and 10 years aging.
2)
When the oscillator is disabled, the true output is in a low state (Vol) and the complementary output is in the high s tate (VoH).
3)
Output must be terminated into 50 ohms to Vcc – 2V or Thevenin equivalent.
4)
Duty Cycle measured at 3.67V
PACKAGE CHARACTERISTICS
TABLE 5.0
Package
Non-hermetic package consisting of an FR4 subs trate with grounded metal
cover.


Similar Part No. - FPHA554

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
FPHA554G CONNOR-WINFIELD-FPHA554G Datasheet
148Kb / 2P
5.0V SURFACE MOUNT PECL CLOCK
FPHA554G-155.52 CONNOR-WINFIELD-FPHA554G-155.52 Datasheet
148Kb / 2P
5.0V SURFACE MOUNT PECL CLOCK
More results

Similar Description - FPHA554

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EH93-631 CONNOR-WINFIELD-EH93-631 Datasheet
119Kb / 2P
SURFACE MOUNT 5.0V PECL CLOCK
EML5113 CONNOR-WINFIELD-EML5113 Datasheet
196Kb / 2P
SURFACE MOUNT 3.3V PECL CLOCK
EML5213 CONNOR-WINFIELD-EML5213 Datasheet
196Kb / 2P
SURFACE MOUNT 3.3V PECL CLOCK
EML5313 CONNOR-WINFIELD-EML5313 Datasheet
196Kb / 2P
SURFACE MOUNT 3.3V PECL CLOCK
EML5343 CONNOR-WINFIELD-EML5343 Datasheet
208Kb / 2P
SURFACE MOUNT 3.3V PECL CLOCK
EML5434 CONNOR-WINFIELD-EML5434 Datasheet
201Kb / 2P
SURFACE MOUNT 3.3V PECL CLOCK
FPHA514 CONNOR-WINFIELD-FPHA514 Datasheet
142Kb / 2P
5.0V SURFACE MOUNT PECL CLOCK
FPHA552 CONNOR-WINFIELD-FPHA552 Datasheet
177Kb / 2P
SURFACE MOUNT 5.0V PECL CLOCK
FPHA554G CONNOR-WINFIELD-FPHA554G Datasheet
148Kb / 2P
5.0V SURFACE MOUNT PECL CLOCK
FPHD54T2 CONNOR-WINFIELD-FPHD54T2 Datasheet
236Kb / 2P
SURFACE MOUNT 5.0V PECL CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com