Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPHA554 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # FPHA554
Description  SURFACE MOUNT 5.0V PECL CLOCK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FPHA554 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  FPHA554 Datasheet HTML 1Page - Connor-Winfield Corporation FPHA554 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
HTTP://WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
EC213
01/26/05
CRYSTAL CONTROLLED OSCILLATORS
2
2
01
SUGGESTED PAD LAYOUT
OUTPUT WAVEFORM
“1” LEVEL
“0” LEVEL
ENABLE/
DISABLE
Pin
Connection
1
N/C
2
Enable / Disable
3
N/C
4
Ground
5
N/C
6
Q Output
7
Q Output
8
N/C
9
Vcc
10
N/C
Dimensional Tolerance:
±.005 (.127mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com