Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT337AM Datasheet(PDF) 3 Page - Linear Technology

Part # LT337AM
Description  Negative Adjustable Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT337AM Datasheet(HTML) 3 Page - Linear Technology

  LT337AM Datasheet HTML 1Page - Linear Technology LT337AM Datasheet HTML 2Page - Linear Technology LT337AM Datasheet HTML 3Page - Linear Technology LT337AM Datasheet HTML 4Page - Linear Technology LT337AM Datasheet HTML 5Page - Linear Technology LT337AM Datasheet HTML 6Page - Linear Technology LT337AM Datasheet HTML 7Page - Linear Technology LT337AM Datasheet HTML 8Page - Linear Technology LT337AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
137afb
LT137A/LM137
LT337A/LM337
ORDER INFORMATION
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 2, 3)
SYMBOL PARAMETER
CONDITIONS
LT137A
LM137
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VREF
Reference Voltage
|VIN – VOUT| = 5V, IOUT = 10mA, Tj = 25°C
–1.238
–1.250
–1.262
–1.225
–1.250
–1.275
V
3V ≤
|VIN – VOUT| ≤ 40V
10mA ≤ IOUT ≤ IMAX, P ≤ PMAX
l –1.220 –1.250 –1.280 –1.200 –1.250 –1.300
V
ΔVOUT
ΔIOUT
Load Regulation
10mA ≤ IOUT ≤ IMAX, (Note 4)
Tj = 25°C, |VOUT| ≤ 5V
Tj = 25°C, |VOUT| ≥ 5V
|VOUT| ≤ 5V
|VOUT| ≥ 5V
l
l
5
0.1
10
0.2
25
0.5
50
1
15
0.3
20
0.3
25
0.5
50
1
mV
%
mV
%
ΔVOUT
ΔVIN
Line Regulation
3V ≤
|VIN – VOUT| ≤ 40V (Note 4)
Tj = 25°C
l
0.005
0.01
0.01
0.03
0.01
0.02
0.02
0.05
%/V
%/V
Ripple Rejection
VOUT = –10V, f = 120Hz
CADJ = 0
CADJ = 10μF
l
60
70
66
80
66
60
77
dB
dB
Thermal Regulation
Tj = 25°C, 10ms Pulse
0.002
0.02
0.002
0.02
%/W
IADJ
Adjust Pin Current
l
65
100
65
100
μA
ΔIADJ
Adjust Pin Current Change
10mA ≤ IOUT ≤ IMAX
3V ≤
|VIN – VOUT| ≤ 40V
l
l
0.2
1
2
5
0.5
2
5
5
μA
μA
Minimum Load Current
|VIN – VOUT| ≤ 40V
|VIN – VOUT| ≤ 10V
l
l
2.5
1.2
5
3
2.5
1.2
5
3
mA
mA
ISC
Current Limit
|VIN – VOUT| ≤ 15V,
K and T Package (Note 7)
H Package
|VIN – VOUT| = 40V,
K and T Package
Tj = 25°C
H Package
l
l
1.5
0.5
0.24
0.15
2.2
0.8
0.4
0.25
1.5
0.5
0.24
0.15
2.2
0.8
0.4
0.25
A
A
A
A
ΔVOUT
ΔTemp
Temperature Stability of
Output Voltage (Note 6)
TMIN ≤ T ≤ TMAX
l
0.6
1.5
0.6
%
ΔVOUT
ΔTime
Long Term Stability
TA = 125°C, 1000 Hours
0.3
1
0.3
1
%
en
RMS Output Noise
(% of VOUT)
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
0.003
%
θJC
Thermal Resistance Junction
to Case
H Package
K Package
12
2.3
15
3
12
2.3
15
3
°C/W
°C/W
ELECTRICAL CHARACTERISTICS
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LM337T
LM337T#TR
LM337T
3-Lead Plastic TO-220
0°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com