Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT337AM Datasheet(PDF) 5 Page - Linear Technology

Part # LT337AM
Description  Negative Adjustable Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT337AM Datasheet(HTML) 5 Page - Linear Technology

  LT337AM Datasheet HTML 1Page - Linear Technology LT337AM Datasheet HTML 2Page - Linear Technology LT337AM Datasheet HTML 3Page - Linear Technology LT337AM Datasheet HTML 4Page - Linear Technology LT337AM Datasheet HTML 5Page - Linear Technology LT337AM Datasheet HTML 6Page - Linear Technology LT337AM Datasheet HTML 7Page - Linear Technology LT337AM Datasheet HTML 8Page - Linear Technology LT337AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
137afb
LT137A/LM137
LT337A/LM337
OUTPUT CURRENT (A)
0.01
100
80
60
40
20
0
137A G06
0.1
1
10
CADJ = 10μF
VIN = –15V
VOUT = –10V
f = 120Hz
Tj = 25°C
CADJ = 0
FREQUENCY (Hz)
10
100
100
80
60
40
20
0
137A G05
1k
10k
100k
1M
CADJ = 10μF
VIN = –15V
VOUT = –10V
IL = 500mA
Tj = 25°C
CADJ = 0
OUTPUT VOLTAGE (V)
0
100
80
60
40
20
0
137A G04
–10
–20
–30
–40
CADJ = –10μF
|VIN – VOUT| = 5V
IL = 500mA
f = 120Hz
Tj = 25°C
CADJ = 0
TEMPERATURE (°C)
–75
75
–25
1.270
1.260
1.250
1.240
1.230
137A G02
–50
25
50
0
150
100 125
OUTPUT CURRENT (A)
0
3.0
2.6
2.2
1.8
1.4
1.0
1.6
137A G01
0.4
0.8
1.2
2.0
Tj = –55°C
Tj = 25°C
Tj = 150°C
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage
Temperature Stability
Minimum Load Current
Ripple Rejection
Ripple Rejection
Ripple Rejection
INPUT-OUTPUT DIFFERENTIAL (V)
0
1.8
1.6
1.2
1.4
0.8
0.6
0.2
0.4
0
1.0
137A G03
40
30
20
10
Tj = –55°C
Tj = 150°C
Tj = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com