Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM129 Datasheet(PDF) 1 Page - Linear Technology

Part # LM129
Description  6.9V Precision Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM129 Datasheet(HTML) 1 Page - Linear Technology

  LM129 Datasheet HTML 1Page - Linear Technology LM129 Datasheet HTML 2Page - Linear Technology LM129 Datasheet HTML 3Page - Linear Technology LM129 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM129/LM329
1
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
s
Transducers
s
A/D and D/A Converters
s
Calibration Standards
s
Instrumentation Reference
s
Guaranteed 10ppm/
°C Temperature Coefficient
s
Guaranteed 1
Ω Maximum Dynamic Impedance
s
Guaranteed 20
µV Maximum Wideband Noise
s
Wide Operating Current Range 0.6mA to 15mA
6.9V Precision
Voltage Reference
The LM129 temperature compensated 6.9V zener refer-
ences provide excellent stability over time and tempera-
ture, very low dynamic impedance and a wide operating
current range. The device achieves low dynamic imped-
ance by incorporating a high gain shunt regulator around
the zener. The excellent noise performance of the device is
achieved by using a “buried zener” design which elimi-
nates surface noise phenomenon associated with ordi-
nary zeners. To serve a wide variety of applications, the
LM129 is available in several temperature coefficient
grades and two package styles. A 20mA positive current
source application is shown below.
, LTC and LT are registered trademarks of Linear Technology Corporation.
REVERSE CURRENT (mA)
0
6
10
129/329 TA01b
24
8
8
7
6
5
4
3
2
1
0
TA = 25°C
–
+
20V
LM329
6.95V
20k
0.1%
174
Ω
0.1%
4.3k
20k
0.1%
LT1001
10k
OUT
20mA
129/329 TA01
2
3
7
6
4
20mA Positive Current Source
Reverse Voltage Change


Similar Part No. - LM129

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
Precision Reference
logo
Linear Technology
LM129 LINER-LM129 Datasheet
179Kb / 4P
6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
166Kb / 8P
6.9V Precision Voltage Reference
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
Autosync Horizontal Deflection Processor
LM1290N NSC-LM1290N Datasheet
176Kb / 9P
Autosync Horizontal Deflection Processor
More results

Similar Description - LM129

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM129 LINER-LM129 Datasheet
179Kb / 4P
6.9V Precision Voltage Reference
RH129 LINER-RH129 Datasheet
127Kb / 2P
6.9V Precision Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
logo
Linear Technology
LM129 LINER-LM129_15 Datasheet
166Kb / 8P
6.9V Precision Voltage Reference
LM329 LINER-LM329_15 Datasheet
166Kb / 8P
6.9V Precision Voltage Reference
RH129 LINER-RH129_15 Datasheet
135Kb / 2P
6.9V Precision Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com