Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM129 Datasheet(PDF) 3 Page - Linear Technology

Part # LM129
Description  6.9V Precision Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM129 Datasheet(HTML) 3 Page - Linear Technology

  LM129 Datasheet HTML 1Page - Linear Technology LM129 Datasheet HTML 2Page - Linear Technology LM129 Datasheet HTML 3Page - Linear Technology LM129 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM129/LM329
3
TYPICAL PERFOR A CE CHARACTERISTICS
SCHE ATIC DIAGRA
Reverse Characteristics
Dynamic Impedance
Response Time
Forward Characteristics
Noise Voltage
Low Frequency Noise Voltage
REVERSE VOLTAGE (V)
6.45
100
10
1.0
0.1
0.01
6.55
6.65
6.75
6.85
129/329 G01
6.95
7.05
Tj = 55°C
Tj = 125°C
Tj = 25°C
FREQUENCY (Hz)
10
100
1k
10k
100k
100
10
1.0
0.1
129/329 G02
TA = 25°C
TIME (
µs)
8
6
4
2
0
14
0
0
100
200
300
129/329 G03
400
OUTPUT
INPUT
6.8k
VIN
VOUT
FORWARD CURRENT (mA)
0.001
1.2
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
1.0
10
129/329 G04
TA = 25°C
FREQUENCY (Hz)
10
100
100k
129/329 G05
50
100
1k
10k
150
TIME (
µs)
0
200
129/329 G06
50
100
150
250
0.01Hz TO 1Hz
50
Ω
Q2
Q3
Q4
Q7
Q6
Q5
Q1
30k
2k
1k
2.6k
2k
10k
15pF
30pF
D1
6.2V
1
2
+
–
129/329 SD
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com