Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1017CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LT1017CSW
Description  Micropower Dual Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1017CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1017CSW Datasheet HTML 3Page - Linear Technology LT1017CSW Datasheet HTML 4Page - Linear Technology LT1017CSW Datasheet HTML 5Page - Linear Technology LT1017CSW Datasheet HTML 6Page - Linear Technology LT1017CSW Datasheet HTML 7Page - Linear Technology LT1017CSW Datasheet HTML 8Page - Linear Technology LT1017CSW Datasheet HTML 9Page - Linear Technology LT1017CSW Datasheet HTML 10Page - Linear Technology LT1017CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1017/LT1018
7
10178ff
TYPICAL APPLICATIONS
Driving Relays
Increasing Positive Output Current
Delay On Power Up
LT1018 Op Amp, AV = 100
LT1017 Op Amp, AV = 100
4
1017/18 TA03
8
2
3
5V
12V
VIN
1
–
+
LT1017
VIN
4
1017/18 TA04
8
3
2
V+
V–
2N3904
1N4148
VOUT
1
–
+
LT1017/
LT1018
4
1017/18 TA05
8
1μF
100k
3
2
V+
1
–
+
LT1017/
LT1018
20k
1k
+
VIN
4
1017/18 TA06
8
3
2
5V
10k
–5V
VOUT
1
R1*
–
+
LT1018
1M
RL
10k
15Ω
0.22μF
RL = 100k
BANDWIDTH = 30Hz
–SLEW = 320V/ms
+SLEW = 0.93V/ms
*WITH R1 = 1k
BANDWIDTH ≅ 200Hz
VIN
4
1017/18 TA07
8
3
2
5V
10k
–5V
VOUT
1
–
+
LT1017
1M
RL ≥ 200k
10k
10Ω
3.3μF
–SLEW = 23.5V/ms
+SLEW = 0.017V/ms
BANDWIDTH = 0.3Hz AT RL = 220k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com